Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800BJHE-PTTL90 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LH28F800BJHE-PTTL90
Description  8M (x8/x16) Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BJHE-PTTL90 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LH28F800BJHE-PTTL90 Datasheet HTML 14Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 15Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 16Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 17Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 18Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 19Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 20Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 21Page - Sharp Corporation LH28F800BJHE-PTTL90 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
LHF80J03
16
Rev. 1.27
4.12 OTP Program Command
OTP program is executed by a two-cycle command
sequence. OTP program command(C0H) is written,
followed by a second write cycle that specifies the address
and data (latched on the rising edge of WE#). The WSM
then takes over, controlling the OTP program and program
verify algorithms internally. After the OTP program
command sequence is completed, the device automatically
outputs status register data when read (see Figure 13). The
CPU can detect the completion of the OTP program by
analyzing the output data of the RY/BY# pin or status
register bit SR.7.
When OTP program is completed, status register bit SR.4
should be checked. If OTP program error is detected, the
status register should be cleared. The internal WSM verify
only detects errors for "1"s that do not successfully
program to "0"s. The CUI remains in read status register
mode until it receives other commands.
Reliable OTP program can be executed only when
VCC=2.7V-3.6V and VCCW=VCCWH1/2. In the absence of
this voltage, memory contents are protected against OTP
programs.
If
OTP
program
is
attempted
while
VCCW≤VCCWLK, status register bits SR.3 and SR.4 is set
to "1". If OTP write is attempted when the OTP Lock-bit
is set, SR.1 and SR.4 is set to "1".
4.13 Block Locking by the WP#
This Boot Block Flash memory architecture features two
hardware-lockable boot blocks so that the kernel code for
the system can be kept secure while other blocks are
programmed or erased as necessary.
The lockable two boot blocks are locked when WP#=VIL;
any program or erase operation to a locked block will
result in an error, which will be reflected in the status
register. For top configuration, the top two boot blocks are
lockable. For the bottom configuration, the bottom two
boot blocks are lockable. If WP# is VIH and block lock-
bit is not set, boot block can be programmed or erased
normally (Unless VCCW is below VCCWLK). WP# is valid
only two boot blocks, other blocks are not affected.


Similar Part No. - LH28F800BJHE-PTTL90

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
More results

Similar Description - LH28F800BJHE-PTTL90

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PTTLZ1 SHARP-LH28F800BJE-PTTLZ1 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com