Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP6ND50E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PHP6ND50E
Description  PowerMOS transistors FREDFET, Avalanche energy rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP6ND50E Datasheet(HTML) 7 Page - NXP Semiconductors

  PHP6ND50E Datasheet HTML 1Page - NXP Semiconductors PHP6ND50E Datasheet HTML 2Page - NXP Semiconductors PHP6ND50E Datasheet HTML 3Page - NXP Semiconductors PHP6ND50E Datasheet HTML 4Page - NXP Semiconductors PHP6ND50E Datasheet HTML 5Page - NXP Semiconductors PHP6ND50E Datasheet HTML 6Page - NXP Semiconductors PHP6ND50E Datasheet HTML 7Page - NXP Semiconductors PHP6ND50E Datasheet HTML 8Page - NXP Semiconductors PHP6ND50E Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP6ND50E, PHB6ND50E
FREDFET, Avalanche energy rated
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.19. SOT78 (TO220AB); pin 2 connected to mounting base.
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Refer to mounting instructions for SOT78 (TO220) envelopes.
3. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
August 1998
7
Rev 1.100


Similar Part No. - PHP6ND50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP6N10E PHILIPS-PHP6N10E Datasheet
53Kb / 7P
   PowerMOS transistor
March 1997 Rev 1.000
PHP6N50E PHILIPS-PHP6N50E Datasheet
77Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP6NA60E PHILIPS-PHP6NA60E Datasheet
21Kb / 4P
   PowerMOS transistors Low capacitance Avalanche energy rated
January 1998 Rev 1.000
More results

Similar Description - PHP6ND50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX6ND50E PHILIPS-PHX6ND50E Datasheet
60Kb / 8P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
PHP4ND40E PHILIPS-PHP4ND40E Datasheet
65Kb / 9P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
PHX4ND40E PHILIPS-PHX4ND40E Datasheet
73Kb / 8P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
PHP8ND50E PHILIPS-PHP8ND50E Datasheet
91Kb / 10P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
PHX8ND50E PHILIPS-PHX8ND50E Datasheet
61Kb / 8P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com