Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACK3R3M50V4X6.1TR13T2F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACK3R3M50V4X6.1TR13T2F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK3R3M50V4X6.1TR13T2F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACK3R3M50V4X6.1TR13T2F Datasheet HTML 1Page - NIC-Components Corp. NACK3R3M50V4X6.1TR13T2F Datasheet HTML 2Page - NIC-Components Corp. NACK3R3M50V4X6.1TR13T2F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
45
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
NACK Series
MAXIMUM IMPEDANCE
(
Ω AT 100KHz AND 20OC)
Cap (
µF)
Working Voltage (Vdc)
6.3
10162535506380
100
3.3
-
------
5.0
-
4.7
-
-
-
-
1.35
2.9
3.0
3.0
-
10
-
-
1.35
1.35
1.35
1.52
1.5
2.4
-
0.70
0.88
2.4
22
1.35
1.35
1.35
0.70
0.70
0.88
1.2
1.3
1.3
0.70
1.2
33
-
1.35
-
0.70
0.36
0.68
0.65
1.3
0.7
0.70
0.36
0.68
47
1.35
-
0.70
0.36
0.36
0.68
0.65
0.7
0.32
0.70
0.36
0.68
68
-
-
0.36
0.36
0.34
-
0.65
0.32
0.32
100
0.70
-0.36
0.34
0.34
0.34
0.35
0.32
0.17
0.36
0.26
0.16
150
-
0.360.340.160.160.180.160.320.17
220
0.36
0.34
0.34
0.16
0.16
0.18
0.16
-
0.153
0.26
0.26
330
0.34
0.16
0.16
0.16
0.08
0.12
-
0.17
0.153
0.26
470
0.16
0.16
0.16
0.08
0.06
0.073 0.082 0.153
-
680
-
0.16
0.08
-
0.06
0.073
0.08
-
-
1000
0.16
0.08
-
0.06
0.035 0.073
-
-
-
1500
0.08
-
0.06
-
0.035
-
-
-
-
2200
-
0.06
-
0.035
-
-
-
-
-
3300
0.06
-
0.035 0.033
-
-
-
-
-
4700
-
0.035 0.033
------
6800
0.035 0.033
-------
NACK 101 M 50V 8x10.5 TR 13 WT F
RoHS Compliant
(97% Sn/3% Bi for 4 ~ 10mm Dia.)
(100% Sn for 12.5 ~ 18mm Dia.)
Optional Wide Terminations (12.5 ~ 18mm Dia.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM


Similar Part No. - NACK3R3M50V4X6.1TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK3R3M80V5x61TR13F NIC-NACK3R3M80V5x61TR13F Datasheet
202Kb / 6P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACK3R3M50V4X6.1TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com