Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F320BFHG-PTTLZK Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH28F320BFHG-PTTLZK
Description  32M (x16) Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F320BFHG-PTTLZK Datasheet(HTML) 5 Page - Sharp Corporation

  LH28F320BFHG-PTTLZK Datasheet HTML 1Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 2Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 3Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 4Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 5Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 6Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 7Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 8Page - Sharp Corporation LH28F320BFHG-PTTLZK Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LHF32FDJ
3
A8
WP#
A18
WE# RST#
NC
DQ11
DQ12
DQ6
DQ13 DQ4
VCC
3
4
5
6
7
VPP
A19
A6
A9
DQ2
DQ5
DQ3
A4
A7
A17
A2
A1
CE#
DQ8
DQ0
DQ9
GND
OE#
DQ10
A
B
C
D
E
F
A5
A3
A0
DQ1
A20
8
0.75mm pitch
48-BALL CSP
PINOUT
7mm x 7mm
TOP VIEW
A13
A14
A10
A12
DQ14
DQ15
VCCQ
GND
DQ7
1
2
A11
A15
A16
Figure 1. 0.75mm pitch 48-Ball CSP (7mm
×7mm) Pinout
Rev. 2.44


Similar Part No. - LH28F320BFHG-PTTLZK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
More results

Similar Description - LH28F320BFHG-PTTLZK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZL SHARP-LH28F320BFHG-PBTLZL Datasheet
900Kb / 36P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com