Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACHR33M6.3V4X6.3TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACHR33M6.3V4X6.3TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACHR33M6.3V4X6.3TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACHR33M6.3V4X6.3TR13F Datasheet HTML 1Page - NIC-Components Corp. NACHR33M6.3V4X6.3TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
13
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACH Series
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
DIMENSIONS (mm)
µ �
��
NACH 100 M 35V 5x6.3 TR 13 F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Case Size
D
φ ±0.5
L max.
A ±0.2
B ±0.2
I ±0.2
W
P ±0.2
4 x 6.3
4.0
6.3
4.3
4.3
1.8
0.5 ~ 0.8
1.0
5 x 6.3
5.0
6.3
5.3
5.3
2.2
0.5 ~ 0.8
1.5
6.3 x 6.3
6.3
6.3
6.6
6.6
2.5
0.5 ~ 0.8
2.2


Similar Part No. - NACHR33M6.3V4X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACH100M16V4x63TR13F NIC-NACH100M16V4x63TR13F Datasheet
155Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACH100M35V5x63TR13F NIC-NACH100M35V5x63TR13F Datasheet
155Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACH100M50V63x63TR13F NIC-NACH100M50V63x63TR13F Datasheet
155Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACH101M4V5x63TR13F NIC-NACH101M4V5x63TR13F Datasheet
155Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACH101M63V63x63TR13F NIC-NACH101M63V63x63TR13F Datasheet
155Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACHR33M6.3V4X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com