Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F320BFB-PBTL60 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH28F320BFB-PBTL60
Description  32M (x16) Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F320BFB-PBTL60 Datasheet(HTML) 4 Page - Sharp Corporation

  LH28F320BFB-PBTL60 Datasheet HTML 1Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 2Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 3Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 4Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 5Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 6Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 7Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 8Page - Sharp Corporation LH28F320BFB-PBTL60 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LHF32FB7
2
LH28F320BFB-PBTL60
32Mbit (2Mbit
×16)
Page Mode Dual Work Flash MEMORY
32M density with 16Bit I/O Interface
High Performance Reads
• 60/25ns 8-Word Page Mode
Configurative 4-Plane Dual Work
• Flexible Partitioning
• Read operations during Block Erase or (Page Buffer)
Program
• Status Register for Each Partition
Low Power Operation
• 2.7V Read and Write Operations
• VCCQ for Input/Output Power Supply Isolation
• Automatic Power Savings Mode Reduces ICCR
in Static Mode
Enhanced Code + Data Storage
• 5
µs Typical Erase/Program Suspends
OTP (One Time Program) Block
• 4-Word Factory-Programmed Area
• 4-Word User-Programmable Area
High Performance Program with Page Buffer
• 16-Word Page Buffer
• 5
µs/Word (Typ.) at 12V V
PP
Operating Temperature 0
°C to +70°C
CMOS Process (P-type silicon substrate)
Flexible Blocking Architecture
• Eight 4K-word Parameter Blocks
• Sixty-three 32K-word Main Blocks
• Bottom Parameter Location
Enhanced Data Protection Features
• Individual Block Lock and Block Lock-Down with
Zero-Latency
• All blocks are locked at power-up or device reset.
• Absolute Protection with VPP≤VPPLK
• Block Erase, Full Chip Erase, (Page Buffer) Word
Program Lockout during Power Transitions
Automated Erase/Program Algorithms
• 3.0V Low-Power
11µs/Word (Typ.)
Programming
• 12V No Glue Logic 9
µs/Word (Typ.)
Production Programming and 0.5s Erase (Typ.)
Cross-Compatible Command Support
• Basic Command Set
• Common Flash Interface (CFI)
Extended Cycling Capability
• Minimum 100,000 Block Erase Cycles
0.8mm pitch 48-Ball CSP
ETOXTM* Flash Technology
Not designed or rated as radiation hardened
The product, which is 4-Plane Page Mode Dual Work (Simultaneous Read while Erase/Program) Flash memory, is a low
power, high density, low cost, nonvolatile read/write storage solution for a wide range of applications. The product can
operate at VCC=2.7V-3.6V and VPP=1.65V-3.6V or 11.7V-12.3V. Its low voltage operation capability greatly extends
battery life for portable applications.
The product provides high performance asynchronous page mode. It allows code execution directly from Flash, thus
eliminating time consuming wait states. Furthermore, its newly configurative partitioning architecture allows flexible dual
work operation.
The memory array block architecture utilizes Enhanced Data Protection features, and provides separate Parameter and Main
Blocks that provide maximum flexibility for safe nonvolatile code and data storage.
Fast program capability is provided through the use of high speed Page Buffer Program.
Special OTP (One Time Program) block provides an area to store permanent code such as a unique number.
* ETOX is a trademark of Intel Corporation.
Rev. 2.44


Similar Part No. - LH28F320BFB-PBTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
   32M (x16) Flash Memory
More results

Similar Description - LH28F320BFB-PBTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZK SHARP-LH28F320BFHG-PTTLZK Datasheet
900Kb / 36P
   32M (x16) Flash Memory
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZL SHARP-LH28F320BFHG-PBTLZL Datasheet
900Kb / 36P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com