Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F320BFE-PTTL60 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH28F320BFE-PTTL60
Description  32M (x16) Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F320BFE-PTTL60 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH28F320BFE-PTTL60 Datasheet HTML 2Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 3Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 4Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 5Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 6Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 7Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 8Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 9Page - Sharp Corporation LH28F320BFE-PTTL60 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LHF32FB1
4
Table 1. Pin Descriptions
Symbol
Type
Name and Function
A0-A20
INPUT
ADDRESS INPUTS: Inputs for addresses. 32M: A0-A20
DQ0-DQ15
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs data and commands during CUI (Command User
Interface) write cycles, outputs data during memory array, status register, query code,
identifier code and partition configuration register code reads. Data pins float to high-
impedance (High Z) when the chip or outputs are deselected. Data is internally latched
during an erase or program cycle.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders and sense
amplifiers. CE#-high (VIH) deselects the device and reduces power consumption to
standby levels.
RST#
INPUT
RESET: When low (VIL), RST# resets internal automation and inhibits write operations
which provides data protection. RST#-high (VIH) enables normal operation. After
power-up or reset mode, the device is automatically set to read array mode. RST# must
be low during power-up/down.
OE#
INPUT
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.
WE#
INPUT
WRITE ENABLE: Controls writes to the CUI and array blocks. Addresses and data are
latched on the rising edge of CE# or WE# (whichever goes high first).
WP#/ACC
INPUT/
SUPPLY
WRITE PROTECT: When WP#/ACC is VIL, locked-down blocks cannot be unlocked.
Erase or program operation can be executed to the blocks which are not locked and not
locked-down. When WP#/ACC is VIH, lock-down is disabled.
Applying 12V±0.3V to WP#/ACC provides fast erasing or fast programming mode. In
this mode, WP#/ACC is power supply pin. Applying 12V±0.3V to WP#/ACC during
erase/program can only be done for a maximum of 1,000 cycles on each block. WP#/
ACC may be connected to 12V±0.3V for a total of 80 hours maximum. Use of this pin at
12V beyond these limits may reduce block cycling capability or cause permanent
damage.
RY/BY#
OPEN DRAIN
OUTPUT
READY/BUSY#: Indicates the status of the internal WSM (Write State Machine). When
low, WSM is performing an internal operation (block erase, full chip erase, (page buffer)
program or OTP program). RY/BY#-High Z indicates that the WSM is ready for new
commands, block erase is suspended and (page buffer) program is inactive, (page buffer)
program is suspended, or the device is in reset mode.
VCC
SUPPLY
DEVICE POWER SUPPLY (2.7V-3.6V): With VCC≤VLKO, all write attempts to the
flash memory are inhibited. Device operations at invalid VCC voltage (see DC
Characteristics) produce spurious results and should not be attempted.
GND
SUPPLY
GROUND: Do not float any ground pins.
NC
NO CONNECT: Lead is not internally connected; it may be driven or floated.
Rev. 2.44


Similar Part No. - LH28F320BFE-PTTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFE-PBTL60 SHARP-LH28F320BFE-PBTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
More results

Similar Description - LH28F320BFE-PTTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZK SHARP-LH28F320BFHG-PTTLZK Datasheet
900Kb / 36P
   32M (x16) Flash Memory
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZL SHARP-LH28F320BFHG-PBTLZL Datasheet
900Kb / 36P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com