Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28CZ04G-4+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS28CZ04G-4+T
Description  4kbit I짼C/SMBus EEPROM with Nonvolatile PIO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28CZ04G-4+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS28CZ04G-4+T Datasheet HTML 4Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 5Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 6Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 7Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 8Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 9Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 10Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 11Page - Maxim Integrated Products DS28CZ04G-4+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DS28CZ04: 4kbit I²C/SMBus EEPROM with Nonvolatile PIO
8 of 22
PIO Read-Inversion and Output Type (Device Address = A0h)
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
7Bh
OT3
OT2
OT1
OT0
IMSK3
IMSK2
IMSK1
IMSK0
There is general read and write access to this address. The power-on default is copied from memory address 77h
(Device Address = A0h).
BIT DESCRIPTION
BIT(S)
DEFINITION
IMSK0: Read-inversion
control of PIO0
b0
0
⇒ no inversion, 1 ⇒ data read from PIO0 is inverted
IMSK1: Read-inversion
control of PIO1
b1
0
⇒ no inversion, 1 ⇒ data read from PIO1 is inverted
IMSK2: Read-inversion
control of PIO2
b2
0
⇒ no inversion, 1 ⇒ data read from PIO2 is inverted
IMSK3: Read-inversion
control of PIO3
b3
0
⇒ no inversion, 1 ⇒ data read from PIO3 is inverted
OT0: Output Type of
PIO0
b4
0:
⇒ Push-Pull, 1 ⇒ Open Drain
OT1: Output Type of
PIO1
b5
0:
⇒ Push-Pull, 1 ⇒ Open Drain
OT2: Output Type of
PIO2
b6
0:
⇒ Push-Pull, 1 ⇒ Open Drain
OT3: Output Type of
PIO3
b7
0:
⇒ Push-Pull, 1 ⇒ Open Drain
PIO Read/Write Access Registers (Device Address = A0h)
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
PIO Address Mode
IV3
IV2
IV1
IV0
OV3
OV2
OV1
OV0
Single
7Ch
1
1
1
IV0
1
1
1
OV0
Multi
00h (no function)
Single
7Dh
1
1
1
IV1
1
1
1
OV1
Multi
00h (no function)
Single
7Eh
1
1
1
IV2
1
1
1
OV2
Multi
00h (no function)
Single
7Fh
1
1
1
IV3
1
1
1
OV3
Multi
There is general read and write access to these registers. Bits shown as 1 have no function; their state cannot be
changed.


Similar Part No. - DS28CZ04G-4+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28C16 MAXIM-DS28C16 Datasheet
1Mb / 7P
   Convenient On-Board Test Points and TDFN Socket
Rev 0; 4/20
DS28C16 MAXIM-DS28C16 Datasheet
184Kb / 10P
   I2C Low-Voltage SHA-3 Authenticator
2020
DS28C16EVKIT MAXIM-DS28C16EVKIT Datasheet
1Mb / 7P
   Convenient On-Board Test Points and TDFN Socket
Rev 0; 4/20
DS28C16Q+T MAXIM-DS28C16Q+T Datasheet
184Kb / 10P
   I2C Low-Voltage SHA-3 Authenticator
2020
DS28C36 MAXIM-DS28C36 Datasheet
285Kb / 5P
   FIPS 180 SHA-256 Compute Engine
Rev 0; 6/16
More results

Similar Description - DS28CZ04G-4+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Maxim Integrated Produc...
DS2433-Z01 MAXIM-DS2433-Z01 Datasheet
215Kb / 2P
   4kbit 1-Wire EEPROM
32000
logo
Dallas Semiconductor
DS28E04-100 DALLAS-DS28E04-100 Datasheet
347Kb / 36P
   4096-Bit Addressable 1-Wire EEPROM with PIO
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
   I짼C/SMBus Silicon Serial Number
REV: 072406
DS28E04-100 MAXIM-DS28E04-100 Datasheet
853Kb / 37P
   4096-Bit Addressable 1-Wire EEPROM with PIO
Rev 12/11
logo
Asahi Kasei Microsystem...
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com