Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLB102SYC-12V-P Datasheet(PDF) 2 Page - Kingbright Corporation

Part # BLB102SYC-12V-P
Description  10mm BAYONET BASED LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BLB102SYC-12V-P Datasheet(HTML) 2 Page - Kingbright Corporation

  BLB102SYC-12V-P Datasheet HTML 1Page - Kingbright Corporation BLB102SYC-12V-P Datasheet HTML 2Page - Kingbright Corporation BLB102SYC-12V-P Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECNO:DSAB3318
REV NO: V.2
DATE:APR/14/2003
PAGE: 2 OF 3
APPROVED : J. Lu
CHECKED : Allen Liu
DRAWN:D.H.FANG
Electrical / Optical Characteristics at TA=25°°°°°C
Absolute Maximum Ratings at TA=25°°°°°C
Selection Guide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
.o
N
tra
P.o
Ntra
P
.o
N
tra
P
.o
N
tra
P.o
Ntra
Pec
iD ec
iD ec
iD ec
iDec
iDep
yT
sn
eLep
yT
sn
eL
ep
yT
sn
eL
ep
yT
sn
eLep
yT
sn
eL
)d
c
m(
vI)d
cm(
vI
)d
c
m(
vI
)d
c
m(
vI)d
cm(
vI V2
1=
V
gn
iw
ei
Vgn
iw
ei
V
gn
iw
ei
V
gn
iw
ei
Vgn
iw
ei
V elg
n
A
.ni
M.ni
M .ni
M .ni
M.ni
M.p
yT .p
yT .p
yT .p
yT.p
yT
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
2
P-
V2
1-
C
Y
S2
01
BL
B)PlA
a
G
nI(
W
O
LL
EY
T
H
GI
R
B
R
E
P
U
SR
A
EL
C
R
ET
A
W08
400
21
°0
4
lo
b
m
ySlo
bm
yS lo
b
m
yS lo
b
m
ySlo
bm
ySrete
m
ar
a
Prete
m
ar
a
P
ret
e
m
ar
a
P
ret
e
m
ar
a
Prete
m
ar
a
Pec
ive
Dec
ive
D ec
iv
e
D ec
iv
e
Dec
ive
D.p
yT .p
yT .p
yT .p
yT.p
yT.x
aM .x
a
M .x
a
M .x
a
M.x
a
Mstin
U stin
U sti
n
U sti
n
Ustin
Usn
oiti
dn
o
C
ts
eTsn
oiti
dn
o
C
ts
eT
sn
oit
id
no
C
ts
eT
sn
oit
id
no
C
ts
eTsn
oiti
dn
o
C
ts
eT
λ
ka
ep
ht
gn
el
ev
a
W
ka
e
Pw
oll
eY
th
gir
B
re
pu
S09
5-
m
n
VF V
21
=
λ D
ht
gn
el
ev
a
W
et
an
im
o
Dw
oll
eY
th
gir
B
re
pu
S88
5-
m
n
VF V
21
=
λ
2/
1
ht
di
w-
fla
H
en
iL
lar
tc
ep
Sw
oll
eY
th
gir
B
re
pu
S82
-
m
n
VF V
21
=
IF
tn
err
u
C
dr
a
wr
oFw
oll
eY
th
gir
B
re
pu
S91
52
A
m
VF V
21
=
Cec
nati
ca
pa
Cw
oll
eY
th
gir
B
re
pu
S52
-
F
pVF
z
H
M
1=
f;
V
0=
IR
tn
err
u
C
es
re
ve
Rw
oll
eY
th
gir
B
re
pu
S-
01
A
u
VR V
5
=
ret
e
m
ar
a
Prete
m
ar
a
P
ret
e
m
ar
a
P
ret
e
m
ar
a
Prete
m
ar
a
Pw
oll
eY
th
gir
B
re
pu
Sw
oll
eY
th
gir
B
re
pu
S
w
oll
eY
th
gir
B
re
pu
S
w
oll
eY
th
gir
B
re
pu
Sw
oll
eY
th
gir
B
re
pu
Sstin
U stin
U sti
n
U sti
n
Ustin
U
no
ita
pi
ss
iD
re
w
o
P00
3W
m
eg
atl
oV
dr
a
wr
oF41
V
eg
atl
oV
es
re
ve
R5
V
er
ut
ar
ep
m
eT
gn
ita
re
p
O04
- °
07
+
oT
C
°C
er
ut
ar
ep
m
eT
eg
ar
ot
S04
- °
58
+
oT
C
°C


Similar Part No. - BLB102SYC-12V-P

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLB102SYC-28V-P KINGBRIGHT-BLB102SYC-28V-P Datasheet
87Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB102SYC-6V-P KINGBRIGHT-BLB102SYC-6V-P Datasheet
85Kb / 3P
   10mm BAYONET BASED LED LAMP
More results

Similar Description - BLB102SYC-12V-P

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLB101SURC-E28V KINGBRIGHT-BLB101SURC-E28V Datasheet
86Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB101SURC-E-6V KINGBRIGHT-BLB101SURC-E-6V Datasheet
86Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB102SYC-28V-P KINGBRIGHT-BLB102SYC-28V-P Datasheet
87Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB102SURC-E12V KINGBRIGHT-BLB102SURC-E12V Datasheet
92Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB102SURC-E-6V KINGBRIGHT-BLB102SURC-E-6V Datasheet
92Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB101MGC-6V-P KINGBRIGHT-BLB101MGC-6V-P Datasheet
83Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB101SYC-12V-P KINGBRIGHT-BLB101SYC-12V-P Datasheet
86Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB101SYC-28V-P KINGBRIGHT-BLB101SYC-28V-P Datasheet
90Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB102SURC-E28V KINGBRIGHT-BLB102SURC-E28V Datasheet
93Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB101MGC-12V-P KINGBRIGHT-BLB101MGC-12V-P Datasheet
83Kb / 3P
   10mm BAYONET BASED LED LAMP
BLB102SYC-6V-P KINGBRIGHT-BLB102SYC-6V-P Datasheet
85Kb / 3P
   10mm BAYONET BASED LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com