Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F160BHE-TTL90 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LH28F160BHE-TTL90
Description  16M (x8/x16) Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F160BHE-TTL90 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LH28F160BHE-TTL90 Datasheet HTML 7Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 8Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 9Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 10Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 11Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 12Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 13Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 14Page - Sharp Corporation LH28F160BHE-TTL90 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
(Parameter Blocks 1 through 4)
FCFFF
F9000
[A19-A0]*
FEFFF
FE002
FE001
FE000
Boot Block 1
Reserved for Future Implementation
Reserved for Future Implementation
Boot Block 1 Lock Configuration Code
FE003
F8FFF
F8002
F8001
F8000
F8003
Parameter Block 5
Reserved for Future Implementation
Reserved for Future Implementation
Parameter Block 5 Lock Configuration Code
FDFFF
FD002
FD001
FD000
FD003
Parameter Block 0
Reserved for Future Implementation
Reserved for Future Implementation
Parameter Block 0 Lock Configuration Code
(Main Blocks 1 through 29)
EFFFF
08000
F7FFF
F0002
F0001
F0000
F0003
Main Block 0
Reserved for Future Implementation
Reserved for Future Implementation
Main Block 0 Lock Configuration Code
Top Boot
FFFFF
FF002
FF001
FF000
Boot Block 0
Reserved for Future Implementation
Reserved for Future Implementation
Boot Block 0 Lock Configuration Code
FF003
07FFF
00004
00002
00000
Device Code
Manufacturer Code Main Block 30
Main Block 30 Lock Configuration Code
Reserved for Future Implementation
00003
00001
Permanent Lock Configuration Code
*: Address A-1 don’t care.
LHF16J04
9
Rev. 1.26
3.5 Read Identifier Codes
The
read
identifier
codes
operation
outputs
the
manufacturer code, device code, block lock configuration
codes for each block and the permanent lock configuration
code (see Figure 4). Using the manufacturer and device
codes, the system CPU can automatically match the device
with its proper algorithms. The block lock and permanent
lock configuration codes identify locked and unlocked
blocks and permanent lock-bit setting.
3.6 Write
Writing commands to the CUI enable reading of device
data and identifier codes. They also control inspection and
clearing of the status register. When VCC=2.7V-3.6V and
VCCW=VCCWH1/2, the CUI additionally controls block
erase, full chip erase, word/byte write and lock-bit
configuration.
The Block Erase command requires appropriate command
data and an address within the block to be erased. The Full
Chip Erase command requires appropriate command data
and an address within the device. The Word/Byte Write
command requires the command and address of the
location to be written. Set Permanent and Block Lock-Bit
commands require the command and address within the
device (Permanent Lock) or block within the device
(Block Lock) to be locked. The Clear Block Lock-Bits
command requires the command and address within the
device.
The CUI does not occupy an addressable memory
location. It is written when WE# and CE# are active. The
address and data needed to execute a command are latched
on the rising edge of WE# or CE# (whichever goes high
first). Standard microprocessor write timings are used.
Figures 16 and 17 illustrate WE# and CE# controlled write
operations.
4 COMMAND DEFINITIONS
When the VCCW voltage ≤VCCWLK, read operations from
the status register, identifier codes, or blocks are enabled.
Placing VCCWH1/2 on VCCW enables successful block
erase, full chip erase, word/byte write and lock-bit
configuration operations.
Device operations are selected by writing specific
commands into the CUI. Table 3 defines these commands.
Figure 4. Device Identifier Code Memory Map


Similar Part No. - LH28F160BHE-TTL90

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F160BG-TL SHARP-LH28F160BG-TL Datasheet
225Kb / 36P
   16 M-bit (1 MB x 16) Smart 3 Flash Memories
LH28F160BGH-TL SHARP-LH28F160BGH-TL Datasheet
225Kb / 36P
   16 M-bit (1 MB x 16) Smart 3 Flash Memories
LH28F160BJE-BTL90 SHARP-LH28F160BJE-BTL90 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BJHE-TTL90 SHARP-LH28F160BJHE-TTL90 Datasheet
2Mb / 47P
   Flash Memory 16M (1M 횞 16/2M 횞 8)
More results

Similar Description - LH28F160BHE-TTL90

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com