Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP66NQ03LT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHP66NQ03LT
Description  N-channel TrenchMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP66NQ03LT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHP66NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 9Page - NXP Semiconductors PHP66NQ03LT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD66NQ03LT
N-channel TrenchMOS transistor
Product data
Rev. 02 — 10 December 2001
6 of 14
9397 750 09119
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 175 °C; VDS > ID x RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ag20
0
15
30
45
60
75
0
0.4
0.8
1.2
1.6
2
VDS (V)
ID
(A)
5 V
Tj = 25 ºC
VGS = 3 V
10 V
3.5 V
6 V
4 V
4.5 V
03ag22
0
15
30
45
60
75
012345
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 25 ºC
175 ºC
03ag21
0
0.004
0.008
0.012
0.016
0.02
0
1530
456075
ID (A)
RDSon
(
Ω)
VGS = 4.5 V
Tj = 25 ºC
5V
10 V
6 V
03af18
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (ºC)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Similar Part No. - PHP66NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP66NQ03LT NXP-PHP66NQ03LT Datasheet
96Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 06-12 August 2004
More results

Similar Description - PHP66NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com