Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFHM54M2VEFZ00B03 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SAFHM54M2VEFZ00B03
Description  Traps for TV/VCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAFHM54M2VEFZ00B03 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SAFHM54M2VEFZ00B03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAFHM54M2VEFZ00B03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAFHM54M2VEFZ00B03 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAFHM54M2VEFZ00B03 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Filters for Audio Visual Equipment
10
Traps for TV/VCR
BGS Traps
0.5
±0.1
7.0 max.
5.0
±0.2
E I A J
C O D E
1.3
±0.1
in mm
Part Number
Nominal
Center Frequency (fn)
(MHz)
Attenuation at fp
(dB)
Attenuation at fs
(dB)
6dB Bandwidth
(kHz)
10dB Bandwidth
(kHz)
MKTGA30M0AALP00B05
30.0
-
2 max.
-
±65 min.
MKTGA30M9AALP00B05
30.9
-
2 max.
-
±65 min.
MKTGA31M2AALP00B05
31.2
-
2 max.
-
±65 min.
MKTGA31M5AALP00B05
31.5
-
2 max.
-
±65 min.
MKTGA31M9AALP00B05
31.9
-
2 max.
-
±65 min.
MKTGA32M0AALP00B05
32.0
-
2 max.
-
±65 min.
MKTGA39M5AAHP00B05
39.5
2 max.
-
-
±65 min.
MKTGA39M7AALP00B05
39.75
2 max.
-
-
±65 min.
MKTGA40M4AAHP00B05
40.4
2 max.
-
-
±65 min.
MKTGA40M7AAHP00B05
40.7
2 max.
-
-
±65 min.
MKTGA40M9AAHP00B05
40.9
2 max.
-
-
±65 min.
MKTGA41M5AAHP00B05
41.5
2 max.
-
-
±65 min.
MKTGA47M2AAHP00B05
47.25
2 max.
-
-
±65 min.
MKTGA47M2CAHP00B05
47.25
0.5 max.
-
±45 min. (from fn) , 180kHz min. (total)
-
MKTGA60M2CAHP00B05
60.25
0.5 max.
-
±45 min. (from fn) , 180kHz min. (total)
-
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - SAFHM54M2VEFZ00B03

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAF SHARMA-SAF Datasheet
446Kb / 2P
   Tantalum Capacitors
logo
Infineon Technologies A...
SAF-C161K INFINEON-SAF-C161K Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAF-C161K-L25M INFINEON-SAF-C161K-L25M Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAF-C161K-LM INFINEON-SAF-C161K-LM Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAF-C161K-LM3V INFINEON-SAF-C161K-LM3V Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
More results

Similar Description - SAFHM54M2VEFZ00B03

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
   AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Texas Instruments
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
logo
Sanyo Semicon Device
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
   Video Switch for TV/VCR Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com