Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M80 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. M80
Description  Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

M80 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+ ,- &
.()
%& ,*+ / 0
1
2!
! 3
4 +
,/ 156,4 +
, (
%&4 6&+
7/ +
'8*/
" .
$9 9
!
:
;!
$
!
<:
!
=$ #
!
##
!
"
;! $ )
7 "
>< !; =$
!
9
9 !
!
9 $!
!
! #
!
"
!
9 $
#"
!
9?#"
$
!
"
+ #
,-
$#
"
" $
" ;"
#
$
!
9< #
$
!
!
<
>
$
!
!$ :
? $
9< /!@ !
!
! !;
@
9
.+%?7 ,?
: .+%?7 ,?
:
.
. !#
.
-
7.5 - !!
)
! " #!
$ "
%& '
( )
*
+
,
-
+.
/
%0#1,
2#31
%4#1,
771 - !@
! %
2
3A 771 6
;$
2
3
1
1
+
!:%
* 2 !3
%B
'()
%B
'()
1
1
+
!:%
+2 !3
%B
'()
%B
'()
1
1
1 - !@
! -
#
%B 0
1
1
0
+!#$ +C
* B
'()
D
1 :* B
'()
D
1 :
%B
'()
B 0
1
1
0


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M6RDouble-Balanced Mixer 1 2 3 Tyco Electronics
M79Double-Balanced Mixer 1 2 3 Tyco Electronics
MC4110Open Carrier Double-Balanced Mixer For Microwave Telecommunications 1 2 3 Tyco Electronics
M6VDouble-Balanced Mixer 1 2 3 Tyco Electronics
M79HDouble-Balanced Mixer 1 2 Tyco Electronics
M1GDouble-Balanced Mixer 1 2 3 Tyco Electronics
M8H-3Double-Balanced Mixer 1 2 3 Tyco Electronics
M1HDouble-Balanced Mixer 1 2 3 Tyco Electronics
M8H-7Double-Balanced Mixer 1 2 3 Tyco Electronics
M1JDouble-Balanced Mixer 1 2 3 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn