Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52 Datasheet(PDF) 3 Page - Tyco Electronics

Part # M52
Description  Triple-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M52 Datasheet(HTML) 3 Page - Tyco Electronics

  M52 Datasheet HTML 1Page - Tyco Electronics M52 Datasheet HTML 2Page - Tyco Electronics M52 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
7 8
9
7 8
&#
!<
#
$
@
F5
.
F5
7
<
#
$
@
F5
.
F5
6
?+!#$ 6
.
/
D . F5
.
/
D .
F5
6
?+!#$ 5$
!
3 ,5
)
7
6
)
7
.
:
6
,
!
!
! "
0
4G
0
4$!
"
#
9
<"
<
0
)4
9
<"
<
0
)4


Similar Part No. - M52

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
130Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M52 MA-COM-M52 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
DIYI Electronic Technol...
M52 DYELEC-M52 Datasheet
868Kb / 2P
   Excellent power volume ratio
logo
Harwin Plc
M52-040000P0545 HARWIN-M52-040000P0545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
97Kb / 1P
   1.27MM PITCH SIL SURFACE MOUNT PIN HEADER
More results

Similar Description - M52

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
MY52 MA-COM-MY52_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MY52C MA-COM-MY52C_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C_15 Datasheet
152Kb / 3P
   Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
   Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com