Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M51C Datasheet(PDF) 1 Page - Tyco Electronics

Part # M51C
Description  Triple-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M51C Datasheet(HTML) 1 Page - Tyco Electronics

  M51C Datasheet HTML 1Page - Tyco Electronics M51C Datasheet HTML 2Page - Tyco Electronics M51C Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+
&
'()
%& ,*+ - .
/
01&2+
13%4
(+
'( 5&2 6*-77+
&1 6&+1
"
2
#
8
!
9
:!
$
!
;9
!
<$ #
!
##
!
"
:! $ )
7 "
=; !: <$
!
8
8 !
8 $!
!
! #
!
" $
" :"
#
$
!
8; #
$
!
!
;
=
$
!
!$ 9
> $
8;
-!? !
!
! !:
?
8
2+%>7 ,>
92+%>7 ,>
2+%>, %>
9
! $
;
2
2 !#
2
5
723 5 !!
)
! " #!
$ " %&! '
( )
*
+,
-
.
/
-+
0
%1#2.
3#42
%5#2. 6
77/ 5 !?
! %
0
4@ 77/ 1
:$
0
4
/
/
/
+
!9%
* 0 !4
%A
'()
%A
'()
/
/
+
!9%
+0 !4
%A
'()
%A
'()
/
/
/ 5 !?
! 5
#
%B .
/
/
.
+!#$ +6
* A '()B >
/ 9* A
'()B >
/ 9
%A '()B
/
* A
'()B >
/ 9* A
'()B >
/ 9
%A
'()B
/
/
/
.
.
C " 2
5 #
!
## ;
D5
. D5


Similar Part No. - M51C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M51C MACOM-M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M51C MA-COM-M51C Datasheet
1Mb / 3P
   Triple-Balanced Mixer
M51C MA-COM-M51C Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
EPCOS
M51C90XG EPCOS-M51C90XG Datasheet
54Kb / 4P
   Surge arrester
logo
M/A-COM Technology Solu...
M51C MA-COM-M51C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
More results

Similar Description - M51C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
MY52 MA-COM-MY52_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MY52C MA-COM-MY52C_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C_15 Datasheet
152Kb / 3P
   Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
   Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com