Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4AGSBP907 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA4AGSBP907
Description  AlGaAs Solder Bump Flip-Chip PIN Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSBP907 Datasheet(HTML) 4 Page - Tyco Electronics

  MA4AGSBP907 Datasheet HTML 1Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 2Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 3Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 4Page - Tyco Electronics MA4AGSBP907 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AlGaAs Solder Bump Flip-Chip PIN Diode
MA4AGSBP907 Rev 2.0
.015.5”+/-.0005
Cathode
.0095”+/-.0005
.0075”+/-.0005
.005”+/-.0005
.005”+/-.0005
.0075”+/-.0005
.0078”+/-.0005
.030”+/-.001
.019”+/-.0005
0.013”
0.008”
(2) PL
0.012”
(2) PL
Circuit Mounting Dimensions ( Inches )
Specification Subject to Change Without Notice
M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
4


Similar Part No. - MA4AGSBP907

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSBP907 MA-COM-MA4AGSBP907 Datasheet
178Kb / 5P
   AlGaAs Solder Bump Flip-Chip PIN Diode
More results

Similar Description - MA4AGSBP907

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSBP907 MA-COM-MA4AGSBP907 Datasheet
178Kb / 5P
   AlGaAs Solder Bump Flip-Chip PIN Diode
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
   AlGaAs Flip-Chip PIN Diode
MADS-001317-1320AG MACOM-MADS-001317-1320AG Datasheet
130Kb / 3P
   GaAs Solder Bump Flip Chip Schottky Diode
logo
M/A-COM Technology Solu...
MADS-001317-1320AG MA-COM-MADS-001317-1320AG Datasheet
151Kb / 3P
   GaAs Solder Bump Flip Chip Schottky Diode
MA4AGP907 MA-COM-MA4AGP907 Datasheet
131Kb / 6P
   AlGaAs Flip Chip PIN Diodes
MADP-000907-14020 MA-COM-MADP-000907-14020 Datasheet
291Kb / 5P
   Solderable AlGaAs Flip Chip PIN
MADP-000907-14020X MA-COM-MADP-000907-14020X Datasheet
577Kb / 5P
   Solderable AlGaAs Flip Chip PIN
MADP-000907-14020 MA-COM-MADP-000907-14020_15 Datasheet
685Kb / 6P
   Solderable AlGaAs Flip Chip PIN
MA4AGP907 MA-COM-MA4AGP907_2 Datasheet
128Kb / 6P
   AlGaAs Flip Chip PIN Diodes
logo
Tyco Electronics
MA4AGFCP910 MACOM-MA4AGFCP910 Datasheet
216Kb / 6P
   AlGaAs Flip-Chip PIN Diode 100MHz to 50GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com