Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M8H-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. M8H-3
Description  Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

M8H-3 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+ ,- &
'()
%& ,*+ . /
0
12&3+
24%5
(+
'( +
6&%4 +
&2
0 1 78 5
"
3 (9
$:
:
!
;
<!
$
!
=;
!
>$ #
!
##
!
"
<!
$
)
6 "
?= !< >$
!
:
: !
!
: $!
!
! #
!
"
!
: $
#"
!
:9#"
$
!
"
+ #
,-
$#
"
"
$
" <"
#
$
!
:= #
$
!
!
=
?
$
!
!$ ;
9 $
:=
.!@ !
!
! !< @
:
3+%96 ,9
;
3+%96 ,9
;
3+%9, %9
; ! $
=
3 (9
&9
3 (-9
634 - !!
)
! " #!
$ " %& '
( )
*
+,
-
.
/
-+
0
1#2.
!2
#!2.
3#42
%5#2.
660 - !@
! %
A
660 2
<$
1
5
*B
'();%B
'();+B
'()
0
+
!;%
* 1 !5
%B
'()
%B
'()
0
0
+
!;%
+1 !5
%B
'()
0
0 - !@
!
-
#
!
%C /
0
0
/
+!#$ +8
0
/


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M6RDouble-Balanced Mixer 1 2 3 Tyco Electronics
MC4110Open Carrier Double-Balanced Mixer For Microwave Telecommunications 1 2 3 Tyco Electronics
M6VDouble-Balanced Mixer 1 2 3 Tyco Electronics
M1GDouble-Balanced Mixer 1 2 3 Tyco Electronics
M1HDouble-Balanced Mixer 1 2 3 Tyco Electronics
M1JDouble-Balanced Mixer 1 2 3 Tyco Electronics
M1KDouble-Balanced Mixer 1 2 Tyco Electronics
M2ADouble-Balanced Mixer 1 2 3 Tyco Electronics
M2BDouble-Balanced Mixer 1 2 3 Tyco Electronics
M2EDouble-Balanced Mixer 1 2 3 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn