Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD231DRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD231DRG4
Description  3.3-V CAN TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD231DRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD231DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 10Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 11Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 12Page - Texas Instruments SN65HVD231DRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
VO
RL = 60 Ω
50
Signal
Generator
(see Note A)
CL = 50 pF
(see Note B)
90%
Output
0.9 V
10%
tf
VOD(R)
VOD(D)
tr
Input
0 V
3 V
tPHL
1.5 V
tPLH
RS = 0 Ω to 100 kΩ for SN65HVD230 and SN65HVD231
N/A for SN65HVD232
0.5 V
V
IC +
V
CANH )
V
CANL
2
VID
VO
VCANL
VCANH
IO
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 500 kHz, 50% duty cycle, t
r ≤ 6
ns, tf ≤ 6 ns, Zo = 50 Ω.
B.
CL includes probe and jig capacitance.
Figure 4. Driver Test Circuit and Voltage Waveforms
Figure 5. Receiver Voltage and Current Definitions
9
Submit Documentation Feedback


Similar Part No. - SN65HVD231DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD231D TI-SN65HVD231D Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD231DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com