Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHP54N06T Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. PHP54N06T
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP54N06T Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP54N06T Datasheet HTML 1Page - NXP Semiconductors PHP54N06T Datasheet HTML 2Page - NXP Semiconductors PHP54N06T Datasheet HTML 3Page - NXP Semiconductors PHP54N06T Datasheet HTML 4Page - NXP Semiconductors PHP54N06T Datasheet HTML 5Page - NXP Semiconductors PHP54N06T Datasheet HTML 6Page - NXP Semiconductors PHP54N06T Datasheet HTML 7Page - NXP Semiconductors PHP54N06T Datasheet HTML 8Page - NXP Semiconductors PHP54N06T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
PHP54N06T
N-channel enhancement mode field-effect transistor
Product specification
Rev. 01 — 14 February 2001
3 of 13
9397 750 08022
© Philips Electronics N.V. 2001. All rights reserved.
VGS ≥ 4.5 V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature.
Tmb =25 °C; IDM single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03na19
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
P
der
Tmb (
o
C)
(%)
03aa24
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
I
der
(%)
T
mb
(
o
C)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03nc66
1
10
102
103
1
10
102
VDS (V)
ID
D.C.
100 ms
10 ms
RDSon = VDS/ ID
1 ms
tp = 10 us
100 us
tp
tp
T
P
t
T
δ =
(A)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn