Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF8106S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8106S
Description  10/100 LAN Interface Module for NIC/HUB Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8106S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8106S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Isolation : 1500 Vrms • Impedance : 400
Ω Xmit / 100 Ω Rcv • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk (dB Min.)
[Between Channels]
Return Loss
(dB Min.)
-1
-2
1-80
MHz
1-30
MHz
-10
-3.5
-18
30-100
MHz
-8
100-500
MHz
-35
-40
10-100
MHz
-40
1-10
MHz
80-100
MHz
100-150
MHz
1-30
MHz
30-60
MHz
60-100
MHz
Xmit Rcv Xmit Rcv Xmit Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit Rcv Xmit
Rcv
-30
-8
-1
-2
-10
-3
-18
-10
-40
-30
-10
Electrical Parameters @ 25
° C
10/100 LAN Interface Module
for NIC/HUB Applications
CSF8106Sa
Rev. -
3/27/98
• Robust construction allows for toughest soldering processes *
• Guaranteed to operate with 8 mA DC bias at 70
°C on cable side •
• Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards •
EPF8106S
OCL
@ 70
°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350
µH
Cable Side
Schematic
Transmit Channel
Receive Channel
16 RX+
RD+ 1
RD- 2
CT 3
15 RX-
14 CT
1:1
TD- 8
TD+ 6
CT 7
10 TX+
9 TX-
E L E C T R O N I C S I N C .
2:1
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
.500
.280
.200
Typ.
.015
Typ.
.390
.022
Typ.
Typ.
8
°
.045
Max.
Nom.
(Inches)
(millimeters)
12.19
6.60
4.57
8.89
.254
1.27
9.40
.406
.254
1.78
0
°
.635
Min.
12.70
7.11
5.08
Typ.
.381
Typ.
9.91
.559
Typ.
Typ.
8
°
1.14
Max.
Nom.
.480
.260
.180
.350
.010
.050
.370
.016
.010
.070
0
°
.025
Suggested
Solder
Pad Layout
PCA
EPF8106S
Date Code
A
B
C
D
E
F
G
H
I
(J)
K
L
M
N
P
Q
.030
.050
.055
.410
.762
1.27
1.40
10.41
Pin 1
I. D.


Similar Part No. - EPF8106S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8100S PCA-EPF8100S Datasheet
26Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8101S PCA-EPF8101S Datasheet
35Kb / 1P
   10/100 Base-X Quad-Phyter Module
EPF8102S PCA-EPF8102S Datasheet
35Kb / 1P
   10/100 Base-X Quad-Phyter Module
EPF8104S PCA-EPF8104S Datasheet
32Kb / 1P
   10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8105S PCA-EPF8105S Datasheet
75Kb / 1P
   10/100Base-TX Module for Multi-Port Applications
More results

Similar Description - EPF8106S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8122S PCA-EPF8122S Datasheet
47Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8051G PCA-EPF8051G Datasheet
25Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8218G PCA-EPF8218G Datasheet
140Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8100S PCA-EPF8100S Datasheet
26Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8084S PCA-EPF8084S Datasheet
34Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8018G PCA-EPF8018G Datasheet
67Kb / 2P
   10/100 LAN Interface Module for NIC/HUB Card Applications, Mini Package
EPF8028G PCA-EPF8028G Datasheet
67Kb / 2P
   10/100 LAN Interface Module for NIC/HUB Card Applications, Mini Package
EPF8092G PCA-EPF8092G Datasheet
154Kb / 1P
   10/100Base-TX Interface Module for NIC/HUB Applications
EPF8119SER PCA-EPF8119SER Datasheet
23Kb / 1P
   10/100Base-TX Interface Module for NIC/HUB Applications
EPF8119S PCA-EPF8119S_07 Datasheet
30Kb / 1P
   10/100Base-TX Interface Module for NIC/HUB Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com