Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233
Description  3.3-V CAN TRANSCEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD233 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD233 Datasheet HTML 1Page - Texas Instruments SN65HVD233 Datasheet HTML 2Page - Texas Instruments SN65HVD233 Datasheet HTML 3Page - Texas Instruments SN65HVD233 Datasheet HTML 4Page - Texas Instruments SN65HVD233 Datasheet HTML 5Page - Texas Instruments SN65HVD233 Datasheet HTML 6Page - Texas Instruments SN65HVD233 Datasheet HTML 7Page - Texas Instruments SN65HVD233 Datasheet HTML 8Page - Texas Instruments SN65HVD233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557D − NOVEMBER 2002 REVISED JUNE 2005
www.ti.com
3
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PART NUMBER
LOW POWER MODE
SLOPE
CONTROL
DIAGNOSTIC
LOOPBACK
AUTOBAUD
LOOPBACK
SN65HVD233D
200-
µA standby mode
Adjustable
Yes
No
SN65HVD234D
200-
µA standby mode or 50-nA sleep mode
Adjustable
No
No
SN65HVD235D
200-
µA standby mode
Adjustable
No
Yes
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at www.ti.com.
ORDERING INFORMATION
PACKAGE (D)
MARKED AS
SN65HVD233D
VP233
SN65HVD233DR(1)
VP233
SN65HVD234D
VP234
SN65HVD234DR(1)
VP234
SN65HVD235D
VP235
SN65HVD235DR(1)
VP235
(1) R suffix indicated tape and reel
POWER DISSIPATION RATINGS
PACKAGE
CIRCUIT
BOARD
TA ≤ 25°C
POWER RATING
DERATING FACTOR(1)
ABOVE TA = 25°C
TA = 85°C POWER
RATING
TA = 125°C POWER
RATING
D
Low-K
596.6 mW
5.7 mW/
°C
255.7 mW
28.4 mW
D
High-K
1076.9 mW
10.3 mW/
°C
461.5 mW
51.3 mW
(1) This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
ABSOLUTE MAXIMUM RATINGS (1) (2)
over operating free-air temperature range unless otherwise noted
PARAMETER
VALUE
Supply voltage range, VCC
−0.3 V to 7 V
Voltage range at any bus terminal (CANH or CANL)
−36 V to 36 V
Voltage input range, transient pulse, CANH and CANL, through 100
Ω (see Figure 7)
−100 V to 100 V
Input voltage range, VI (D, R, RS, EN, LBK, AB)
−0.5 V to 7 V
Receiver output current, IO
−10 mA to 10 mA
Electrostatic discharge
Human Body Model(3)
CANH, CANL and GND
16 kV
Electrostatic discharge
Human Body Model(3)
All pins
3 kV
Electrostatic discharge
Charged-Device Mode(4)
All pins
1 kV
Continuous total power dissipation
See Dissipation Rating Table
Operating junction temperature, TJ
150
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114−A.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.


Similar Part No. - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD233 TI-SN65HVD233 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD233 TI1-SN65HVD233 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com