Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21867-A Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS21867-A
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21867-A Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS21867-A Datasheet HTML 1Page - Powerex Power Semiconductors PS21867-A Datasheet HTML 2Page - Powerex Power Semiconductors PS21867-A Datasheet HTML 3Page - Powerex Power Semiconductors PS21867-A Datasheet HTML 4Page - Powerex Power Semiconductors PS21867-A Datasheet HTML 5Page - Powerex Power Semiconductors PS21867-A Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS21867-AP
Intellimod™ Module
Dual-In-Line Intelligent Power Module
30 Amperes/600 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, Tj = 25°C
1.0
mA
VCE = VCES, Tj = 125°C
10
mA
Diode Forward Voltage
VEC
Tj = 25°C, -IC = 30A, VIN = 5V
1.5
2.0
Volts
Collector-Emitter Saturation Voltage
VCE(sat) IC = 30A, Tj = 25°C, VD = VDB = 15V, VIN = 0V
1.6
2.1
Volts
IC = 30A, Tj = 125°C, VD = VDB = 15V, VIN = 0V
1.7
2.2
Volts
Inductive Load Switching Times
ton
0.7
1.30
1.90
µs
trr
VCC = 300V, VD = VDB = 15V,
0.30
µs
tC(on)
IC = 30A, Tj = 125°C, VIN = 5 ⇔ 0V,
0.40
0.60
µs
toff
Inductive Load (Upper-Lower Arm)
1.70
2.40
µs
tC(off)
0.50
0.80
µs
Tf Measurement Point
FWDi CHIP
POWER TERMINALS
P
U
13.5mm
18mm
GROOVE
CONTROL TERMINALS
IGBT CHIP
V
W
N
Al BOARD
DIP-IPM
TEMPERATURE
MEASUREMENT POINT
(INSIDE THE Al BOARD)
TEMPERATURE
MEASUREMENT POINT
(INSIDE THE Al BOARD)


Similar Part No. - PS21867-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21867-P MITSUBISHI-PS21867-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Powerex Power Semicondu...
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results

Similar Description - PS21867-A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21267-AP POWEREX-PS21267-AP Datasheet
536Kb / 8P
   Intellimod Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21767 POWEREX-PS21767 Datasheet
760Kb / 9P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com