Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C6800CLE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5C6800CLE
Description  10-Bit Bus Switch with Precharged Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6800CLE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C6800CLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8351F
03/23/07
PI5C6800C
10-Bit Bus Switch with
Precharged Outputs
.002
.006
.303
.311
.047
Max
.007
.012
SEATING
PLANE
.0255
BSC
.018
.030
.0075
.0098
.252
BSC
1
24
.169
.177
6.4
0.45
0.75
0.19
0.25
4.3
4.5
1.20
0.19
0.30
7.7
7.9
0.65
0.05
0.15
Packaging Mechanical: 24-pin TSSOP (L)
Applications Information
Logic Inputs
The logic control inputs can be driven up to +5.5V regardless of the supply voltage. For example, given a +5.0V supply, the control
input(s) may be driven low to 0V and high to 5.5V. Driving the control input(s) Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC before applying VBIAS and signals to
the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
07-0073


Similar Part No. - PI5C6800CLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800L PERICOM-PI5C6800L Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800LE PERICOM-PI5C6800LE Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800Q PERICOM-PI5C6800Q Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800QE PERICOM-PI5C6800QE Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
More results

Similar Description - PI5C6800CLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com