Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA890IDBVR Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA890IDBVR
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA890IDBVR Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA890IDBVR Datasheet HTML 4Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 5Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 6Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 7Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 8Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 9Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 10Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 11Page - Burr-Brown (TI) OPA890IDBVR Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
-80
-85
-90
-95
-100
-105
-110
LoadResistance( )
W
100
1k
V =2V
O
PP
f=1MHz
G=+2V/V
3rdHarmonic
2ndHarmonic
-80
-85
-90
-95
-100
SupplyVoltage(±V )
S
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V =2V
O
PP
R =200W
L
G=+2V/V
2ndHarmonic
3rdHarmonic
-50
-60
-70
-80
-90
-100
-110
Frequency(MHz)
0.1
1
10
V =2V
O
PP
R =200W
L
G=+2V/V
2ndHarmonic
3rdHarmonic
-70
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V )
PP
0.1
1
10
R =200W
L
f=1MHz
G=+2V/V
2ndHarmonic
3rdHarmonic
-70
-75
-80
-85
-90
-95
-100
-105
Gain(V/V)
1
10
20
V =2V
O
PP
R =200W
L
f=1MHz
2ndHarmonic
3rdHarmonic
-70
-75
-80
-85
-90
Gain(V/V)
-1
-10
-20
V =2V
O
PP
R =200W
L
f=1MHz
2ndHarmonic
3rdHarmonic
OPA890
SBOS369 – MAY 2007
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
1MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs INVERTING GAIN
Figure 11.
Figure 12.
8
Submit Documentation Feedback


Similar Part No. - OPA890IDBVR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA890IDBVR NSC-OPA890IDBVR Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVRG4 NSC-OPA890IDBVRG4 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA890IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com