Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF5020 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPF5020
Description  850nm Fast Ethernet Transceiver in 1 x 7 SMD Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF5020 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPF5020 Datasheet HTML 1Page - OPTEK Technologies OPF5020 Datasheet HTML 2Page - OPTEK Technologies OPF5020 Datasheet HTML 3Page - OPTEK Technologies OPF5020 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optek Technology, Inc.
1215 West Crosby Road
Carrollton, Texas 75006
(972) 323-2200
www.optekinc.com
OPF5020 Technical Data
PIN 1


Similar Part No. - OPF5020

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF502 OPTEK-OPF502 Datasheet
720Kb / 4P
   200kbps Fiber Optic Receiver
More results

Similar Description - OPF5020

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-5903Z BOARDCOM-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-703SDDZ BOARDCOM-AFBR-703SDDZ Datasheet
479Kb / 22P
   10Gb/1Gb Ethernet, 850nm SFP Transceiver
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5305 HP-HFCT-5305 Datasheet
178Kb / 8P
   Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
logo
List of Unclassifed Man...
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com