Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA890ID Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA890ID
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA890ID Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA890ID Datasheet HTML 6Page - Burr-Brown (TI) OPA890ID Datasheet HTML 7Page - Burr-Brown (TI) OPA890ID Datasheet HTML 8Page - Burr-Brown (TI) OPA890ID Datasheet HTML 9Page - Burr-Brown (TI) OPA890ID Datasheet HTML 10Page - Burr-Brown (TI) OPA890ID Datasheet HTML 11Page - Burr-Brown (TI) OPA890ID Datasheet HTML 12Page - Burr-Brown (TI) OPA890ID Datasheet HTML 13Page - Burr-Brown (TI) OPA890ID Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
2.10
2.05
2.00
1.95
1.90
1.85
1.80
1.75
250
200
150
100
50
0
-50
-100
AmbientTemperature( C)
°
-50
-25
0
25
50
75
100
125
InputOffsetVoltage(V
)
OS
InputOffsetCurrent(I
)
OS
InputBiasCurrent(I )
B
1.15
1.14
1.13
1.12
1.11
1.10
1.09
1.08
1.07
1.06
1.05
50
49
48
47
46
45
44
43
42
41
40
AmbientTemperature( C)
°
-50
-25
0
25
50
75
100
125
OutputCurrent,Sinking
OutputCurrent,
Sourcing
SupplyCurrent
4
3
2
1
0
-1
6
4
2
0
-2
Time(5ns/div)
8
6
4
2
0
-2
-4
-6
-8
Time(10ns/div)
4
3
2
1
0
-1
-3
-3
-4
InputVoltage
RightScale
OutputVoltage
LeftScale
100
10
1
0.1
0.01
0.001
Frequency(Hz)
1k
10k
100k
1M
10M
100M
750W
Z
O
324W
750W
OPA890
80
70
60
50
40
30
20
10
0
-10
Frequency(Hz)
180
160
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
1G
Open-LoopGain
Open-LoopPhase
OPA890
SBOS369 – MAY 2007
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted.
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
TYPICAL DC DRIFT vs TEMPERATURE
Figure 19.
Figure 20.
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
NONINVERTING OVERDRIVE RECOVERY
Figure 21.
Figure 22.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
OPEN-LOOP GAIN AND PHASE
Figure 23.
Figure 24.
10
Submit Documentation Feedback


Similar Part No. - OPA890ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA890ID NSC-OPA890ID Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVR NSC-OPA890IDBVR Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVRG4 NSC-OPA890IDBVRG4 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVT NSC-OPA890IDBVT Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVTG4 NSC-OPA890IDBVTG4 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA890ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com