Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1812STM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM1812STM
Description  ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM1812STM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM1812STM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1812STM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1812STM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1812STM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 57
3.3
Three Terminal, Fixed Voltage, 1.5 Amp
Precision Positive Regulators In Hermetic
JEDEC TO-257AA Package
4 11 R2
Supersedes 1 07 R1
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE
REGULATORS APPROVED TO DESC DRAWINGS
FEATURES
• Isolated Hermetic Package, JEDEC TO-257AA Outline
• Output Voltages: 5V, 12V, 15V
• Output Voltages Set Internally to ±1%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Also Available In Non-Isolated Package
• Similar To Industry Standards 7805, 7812, 7815
DESCRIPTION
These three terminal positive regulators are supplied in a hermetically sealed metal
package whose outline is similar to the industry standard TO-220 plastic package. All
protective features are designed into the circuit, including thermal shutdown, current
limiting and safe-area control.
With heat sinking, they can deliver over
1.5 amps of output current. These units feature internally trimmed output voltages
±1% of nominal voltage. These units are ideally suited for Military applications where
a hermetically sealed package is required.
PART NUMBER DESIGNATOR
Standard Military Drawing Number
Omnirel Part Number
5962-8778201 UX
OM1805STM
5962-8778201 TX
OM1805NTM
5962-8777601 UX
OM1812STM
5962-8777601 TX
OM1812NTM
5962-8855301 UX
OM1815STM
5962-8855301 TX
OM1815NTM
“U” = Isolated
“T” = Non-Isolated
OM1815STM
OM1815NTM
OM1812STM
OM1812NTM
OM1805STM
OM1805NTM


Similar Part No. - OM1812STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1812N2M ETC1-OM1812N2M Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
OM1812NKM IRF-OM1812NKM Datasheet
34Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
logo
List of Unclassifed Man...
OM1812NMM ETC2-OM1812NMM Datasheet
30Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
More results

Similar Description - OM1812STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1905STM ETC2-OM1905STM Datasheet
35Kb / 4P
   ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
OM1805NKM IRF-OM1805NKM Datasheet
34Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
logo
List of Unclassifed Man...
OM1905NKM ETC2-OM1905NKM Datasheet
36Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1805NMM ETC2-OM1805NMM Datasheet
30Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
OM1805N2M ETC1-OM1805N2M Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
5962-87782012A IRF-5962-87782012A Datasheet
30Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
List of Unclassifed Man...
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com