Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHP47NQ10T Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PHP47NQ10T
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP47NQ10T Datasheet(HTML) 5 Page - NXP Semiconductors

  PHP47NQ10T Datasheet HTML 1Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 2Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 3Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 4Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 5Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 6Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 7Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 8Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
PHP47NQ10T; PHB47NQ10T
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 16 May 2001
5 of 14
9397 750 08243
© Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 250 µA; VGS =0V
100
−−
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 10
Tj =25 °C2
3
4
V
Tj = 175 °C1
−−
V
IDSS
drain-source leakage current
VGS =0V; VDS = 100 V
Tj =25 °C
0.05
10
µA
Tj = 175 °C
−−
500
µA
IGSS
gate-source leakage current
VDS =0V; VGS = ±20 V
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A;
Figure 8 and 9
Tj =25 oC
20
28
m
Tj = 175 °C
−−
76
m
Dynamic characteristics
Qg(tot)
total gate charge
ID = 40 A; VDD =80V;
VGS =10V; Figure 15
66
nC
Qgs
gate-source charge
12
nC
Qgd
gate-drain (Miller) charge
21
nC
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 13
2320
3100
pF
Coss
output capacitance
315
378
pF
Crss
reverse transfer capacitance
187
256
pF
td(on)
turn-on delay time
VDD = 30 V; RD = 1.2 Ω;
VGS =10V; RG =10 Ω
15
23
ns
tr
rise time
70
105
ns
td(off)
turn-off delay time
83
116
ns
tf
fall time
45
63
ns
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 25 A; VGS =0V;
Figure 14
0.85
1.2
V
trr
reverse recovery time
IS =47A;
dIS/dt = −100 A/µs;
VGS = -10 V; VR =30V
66
ns
Qr
recovered charge
0.24
−µC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn