Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHP47NQ10T Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. PHP47NQ10T
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP47NQ10T Datasheet(HTML) 4 Page - NXP Semiconductors

  PHP47NQ10T Datasheet HTML 1Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 2Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 3Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 4Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 5Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 6Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 7Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 8Page - NXP Semiconductors PHP47NQ10T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
PHP47NQ10T; PHB47NQ10T
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 16 May 2001
4 of 14
9397 750 08243
© Philips Electronics N.V. 2001. All rights reserved.
7.
Thermal characteristics
7.1 Transient thermal impedance
Table 4:
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-mb)
thermal resistance from junction to mounting
base
Figure 5
0.9
K/W
Rth(j-a)
thermal resistance from junction to ambient
SOT78 package; vertical in still air.
60
K/W
Rth(j-a)
thermal resistance from junction to ambient
SOT404 package; mounted on
printed circuit board; minimum
footprint.
50
K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of
pulse duration.
10
1
10-1
10-2
10-3
10-4
10-5
10-6
10-7
Zth (j-mb)
(K/W)
10-1
10-2
10-3
δ =
0.2
0.1
0.05
0.02
0.5
Single pulse
T
P
tp
t
T
tp
δ =
tp (s)
1
003aaa099


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn