Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETC4-1-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ETC4-1-2
Description  4:1 Step-up Transformer 2.0 - 800 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ETC4-1-2 Datasheet(HTML) 1 Page - Tyco Electronics

  ETC4-1-2_1 Datasheet HTML 1Page - Tyco Electronics ETC4-1-2_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4:1 Step-up Transformer
2.0 - 800 MHz
Rev N
Features:
Surface mount
Center tap on secondary
Available on tape & reel
Description
M/A Com’s ETC4-1-2 is a 4:1 flux coupled step-up
transformer in a low cost, surface mount package.
Ideally suited for high volume wireless applica-
tions.
Electrical Specifications: 25°C, Impedance = 50 O
Parameter
Frequency (MHz)
Units
Minimum
Typical
Maximum
Frequency Range
2.0-800
Insertion Loss
10 –100
dB
-
0.9
1.0
Insertion Loss
5.0-600
dB
-
1.6
2.0
Insertion Loss
2.0-800
dB
-
2.5
3.0
Amplitute Unbalance
10-100
dB
-
0.2
0.25
Amplitute Unbalance
2.0-800
dB
-
0.8
1.0
Phase Unbalance
10-500
°
-
1.5
2.0
Phase Unbalance
2.0-800
°
-
4.0
10.0
1
Ordering Information
Part Number
Package
ETC4-1-2TR
Tape & Reel
1 2 3
5
4
SM-22B
Dimensions in inches [mm]
Tolerance: .xx ± .02, .xxx ± .010


Similar Part No. - ETC4-1-2_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC4-1-2TR MA-COM-ETC4-1-2TR Datasheet
302Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
ETC4-1-2TR MA-COM-ETC4-1-2TR_15 Datasheet
805Kb / 6P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2 - 800 MHz
More results

Similar Description - ETC4-1-2_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2 Datasheet
133Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
Tyco Electronics
MABAES0061 MACOM-MABAES0061 Datasheet
179Kb / 3P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
ETC4-1-2 MA-COM-ETC4-1-2 Datasheet
120Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
ETC4-1-2TR MA-COM-ETC4-1-2TR_15 Datasheet
805Kb / 6P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2 - 800 MHz
logo
Tyco Electronics
MABAES0015 MACOM-MABAES0015 Datasheet
71Kb / 2P
   RF 1:4 Flux Coupled Stepup Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
ETK4-2T MA-COM-ETK4-2T Datasheet
118Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 2.0 - 1000 MHz
logo
Tyco Electronics
MABACT0011 MACOM-MABACT0011 Datasheet
166Kb / 2P
   1:4 Flux Coupled Step up Transformer 1 - 350 MHz
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
   1:4 Flux Coupled Step up Transformer 1 - 350 MHz
MABAES0061 MA-COM-MABAES0061 Datasheet
103Kb / 2P
   E-Series RF 1:4 Flux Coupled Transformer 2.0 - 800 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com