Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PHP45N03LTA Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PHP45N03LTA
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP45N03LTA Datasheet(HTML) 5 Page - NXP Semiconductors

  PHP45N03LTA Datasheet HTML 1Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 2Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 3Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 4Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 5Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 6Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 7Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 8Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD45N03LTA
N-channel enhancement mode field-effect transistor
Product data
Rev. 02 — 02 November 2001
5 of 14
9397 750 09023
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C
25
--V
Tj = −55 °C
22
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
Tj =25 °C
1
1.5
2
V
Tj = 175 °C
0.5
-
-
V
Tj = −55 °C
-
-
2.3
V
IDSS
drain-source leakage current
VDS =25V; VGS =0V
Tj =25 °C
-
0.05
10
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±5 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS =5V; ID =25A; Figure 7 and 8
Tj =25 °C
-
17.5
24
m
Tj = 175 °C
-
30
40.8
m
VGS =10V; ID =25A; Figure 7 and 8
Tj =25 °C
-
13
21
m
VGS = 3.5 V; ID = 5.2 A; Figure 7 and 8
Tj =25 °C
-
22
40
m
Dynamic characteristics
Qg(tot)
total gate charge
ID = 40 A; VDD =24V; VGS =5V; Figure 13
-19
-
nC
Qgs
gate-source charge
-
5
-
nC
Qgd
gate-drain (Miller) charge
-
8
11
nC
Ciss
input capacitance
VGS =0V; VDS = 25 V; f = 1 MHz; Figure 11
-
700
-
pF
Coss
output capacitance
-
290
-
pF
Crss
reverse transfer capacitance
-
200
-
pF
td(on)
turn-on delay time
VDD =15V; ID = 15 A; VGS =10V;
RG =6 Ω; resistive load
-
1020ns
tr
turn-on rise time
-
60
90
ns
td(off)
turn-off delay time
-
35
60
ns
tf
turn-off fall time
-
4060ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 25 A; VGS =0V; Figure 12
-
0.95
1.2
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn