Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP3N40E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHP3N40E
Description  PowerMOS transistors Avalanche energy rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP3N40E Datasheet(HTML) 1 Page - NXP Semiconductors

  PHP3N40E Datasheet HTML 1Page - NXP Semiconductors PHP3N40E Datasheet HTML 2Page - NXP Semiconductors PHP3N40E Datasheet HTML 3Page - NXP Semiconductors PHP3N40E Datasheet HTML 4Page - NXP Semiconductors PHP3N40E Datasheet HTML 5Page - NXP Semiconductors PHP3N40E Datasheet HTML 6Page - NXP Semiconductors PHP3N40E Datasheet HTML 7Page - NXP Semiconductors PHP3N40E Datasheet HTML 8Page - NXP Semiconductors PHP3N40E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP3N40E, PHB3N40E, PHD3N40E
Avalanche energy rated
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Repetitive Avalanche Rated
• Fast switching
V
DSS = 400 V
• Stable off-state characteristics
• High thermal cycling performance
I
D = 2.5 A
• Low thermal resistance
R
DS(ON) ≤ 3.5 Ω
GENERAL DESCRIPTION
N-channel, enhancement mode field-effect power transistor, intended for use in off-line switched mode power supplies,
T.V. and computer monitor power supplies, d.c. to d.c. converters, motor control circuits and general purpose switching
applications.
The PHP3N40E is supplied in the SOT78 (TO220AB) conventional leaded package.
The PHB3N40E is supplied in the SOT404 surface mounting package.
The PHD3N40E is supplied in the SOT428 surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404
SOT428
PIN
DESCRIPTION
1
gate
2
drain
1
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
400
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-
400
V
V
GS
Gate-source voltage
-
± 30
V
I
D
Continuous drain current
T
mb =
25 ˚C; V
GS = 10 V
-
2.5
A
T
mb = 100 ˚C; VGS = 10 V
-
1.5
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
10
A
P
D
Total dissipation
T
mb = 25 ˚C
-
50
W
T
j, Tstg
Operating junction and
- 55
150
˚C
storage temperature range
d
g
s
12 3
tab
13
tab
2
1
2
3
tab
1 It is not possible to make connection to pin 2 of the SOT428 or SOT404 packages.
August 1998
1
Rev 1.100


Similar Part No. - PHP3N40E

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PHP3N40E VBSEMI-PHP3N40E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - PHP3N40E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com