Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GP1L52VJ000F Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP1L52VJ000F
Description  Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1L52VJ000F Datasheet(HTML) 6 Page - Sharp Electrionic Components

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D3-A03201EN
GP1L52VJ000F
Fig.7 Collector Current vs.
Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Response Time vs. Load Resistance
Fig.10 Test Circuit for Response Time
Fig.11 Frequency Response
Fig.12 Collector Dark Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
025
−25
50
100
75
8
7
IF=1mA
VCE=2V
6
5
4
3
1
2
0
Load resistance RL (kΩ)
100
1 000
100
10
1
1
VCE= 2V
IC= 2mA
Ta=25˚C
1 000
10
tf
tr
td
ts
Ambient temperature Ta (˚C)
IF=2mA
IC=0.5mA
1
0.8
0.9
0.6
0.7
0.4
0.5
0.2
0.1
0.3
−25
75
100
50
25
0
0
Frequency f (Hz)
10
6
10
5
10
4
0
−5
−10
−15
−20
10
3
VCE=2V
IC=10mA
Ta=25˚C
100Ω 10Ω
RL=
1kΩ
5
Ambient temperature Ta (˚C)
75
50
100
25
0
−25
VCE=20V
10
−11
10
−10
10
−9
10
−8
10
−7
10
−4
10
−6
10
−5
10%
Output
Input
90%
Input
Output
RD
VCC
RL
td
tr
ts
tf


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn