Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1L52VJ000F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GP1L52VJ000F
Description  Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1L52VJ000F Datasheet(HTML) 5 Page - Sharp Electrionic Components

  GP1L52VJ000F Datasheet HTML 1Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 2Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 3Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 4Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 5Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 6Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 7Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 8Page - Sharp Electrionic Components GP1L52VJ000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Sheet No.: D3-A03201EN
GP1L52VJ000F
Fig.5 Collector Current vs.
Forward Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
Fig.3 Peak Forward Current vs.
Duty Ratio
Fig.4 Forward Current vs.
Forward Voltage
Duty ratio
100
10
10
−2
10
−1
1 000
Pulse width≤100μs
Ta=25˚C
1
Foward voltage VF (V)
100
10
1
3.5
3
2.5
2
1.5
1
0.5
0
25˚C
0˚C
−25˚C
50˚C
Ta=75˚C
Forward current IF (mA)
0
0
VCE=2V
Ta=25˚C
50
35
30
45
40
25
20
15
10
5
12
3
4
5
Collector-emitter VCE (V)
789
10
6
30
24
22
28
26
12
10
20
18
14
16
8
6
4
2
0
05
4
3
2
1
1mA
0.5mA
Ta=25˚C
IF=2.5mA
PC (MAX.)
1.5mA
2mA
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
−25
0
25
50
75 85
100
0
10
20
30
40
50
60
Ambient temperature Ta (˚C)
−25
0
25
50
75 85
100
0
20
40
60
80
100
120
75
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn