Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GP1L52VJ000F Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GP1L52VJ000F
Description  Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1L52VJ000F Datasheet(HTML) 1 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GP1L52VJ000F
1
Sheet No.: D3-A03201EN
Date Oct. 3. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP1L52VJ000F
Gap : 3mm, Slit : 0.5mm
Darlington Phototransistor Output,
Case package Transmissive
Photointerrupter
■ Description
GP1L52VJ000F is a standard, darlington phototrans-
istor output, transmissive photointerrupter with opposing
emitter and detector in a case, providing non-contact
sensing. For this family of devices, the emitter and de-
tector are inserted in a case, resulting in a through-hole
design.
■ Features
1. Transmissive with darlington phototransistor output
2. Highlights :
• Verical Slit for alternate motion detection
3. Key Parameters :
• Gap Width : 3mm
• Slit Width (detector side): 0.5mm
• Package : 12.2×10×5mm
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. General purpose detection of object presence or mo-
tion.
2. Example : Printer, FAX, Optical storage unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn