Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A91LCJ00F Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP1A91LCJ00F
Description  Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A91LCJ00F Datasheet(HTML) 6 Page - Sharp Electrionic Components

Back Button GP1A91LCJ00F Datasheet HTML 2Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 3Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 9Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 10Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Sheet No.: D3-A01601EN
GP1A91LCJ00F
Fig.12 Low Level Output Voltage vs.
Ambient Temperature
Fig.13 Rise Time, Fall Time vs.
Load Resistance
Fig.14 Propagation Delay Time vs.
Forward Current
Fig.15 Low, High Level Output vs. Shield
Distance (1) (Typical Value)
IF=5mA
VCC=3V
RL=15kΩ
Ambient temperature Ta (C)
0
0.4
0.3
0.2
0.1
−25
100
75
50
25
0
IOL=2mA
IOL=1mA
IOL=0mA
VCC=3V
RL=2.4kΩ
Ta=25˚C
Forward current IF (mA)
0
10
8
6
4
2
0
50
40
30
20
10
tPLH
tPHL
Load resistance RL (kΩ)
0
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0.1
1
10
100
tr
tf
VCC=3V
IF=5mA
Ta=25˚C
High
Low
−1
3
2
1
0
Shield moving distance L (mm)
IF=5mA
VCC=3V
RL=15kΩ
Ta=25˚C
Shield
distance L
L=0
Sensor
Fig.16 Low, High Level Output vs. Shield
Distance (2) (Typical Value)
−1
2
1
0
Shield moving distance L (mm)
IF=5mA
VCC=3V
RL=15kΩ
Ta=25˚C
L=0
Sensor
Shield
High
Low
Remarks : Please be aware that all data in the
graph are just for reference and not for guarantee.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn