Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A91LCJ00F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GP1A91LCJ00F
Description  Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A91LCJ00F Datasheet(HTML) 5 Page - Sharp Electrionic Components

  GP1A91LCJ00F Datasheet HTML 1Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 2Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 3Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Sheet No.: D3-A01601EN
GP1A91LCJ00F
Fig.6 Relative Threshold Input Current
vs. Supply Voltage
Fig.7 Relative Threshold Input Current
vs. Ambient Temperature
Fig.8 Low Level, High Level Supply
Current vs. Supply Voltage (1)
Fig.9 Low Level, High Level Supply
Current vs. Supply Voltage (2)
Fig.10 Low Level, High Level Supply
Current vs. Supply Voltage (3)
Fig.11 Low Level Output Voltage vs. Low
Level Output Current
Supply voltage VCC (V)
Ta=25˚C
IFHL=1
at VCC=3V
0
1.2
1
0.8
0.6
0.4
0.2
0
2.5
5
7.5
10
IFHL
IFLH
Supply voltage VCC (V)
0
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0123456789
10
ICCL
ICCH
ICCL:IF=5mA
ICCH:IF=0
Ta=−25˚C
RL=15kΩ
2.2
0.4
1.8
−25
100
75
50
25
0
1.6
1.4
1.2
1
0.8
0.6
Ambient temperature Ta (˚C)
VCC=3V
IFHL=1
at Ta=25˚C
IFHL
IFLH
0
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0123456789
10
Supply voltage VCC (V)
ICCL
ICCH
ICCL:IF=5mA
ICCH:IF=0
Ta=85˚C
RL=15kΩ
2.2
Low level output current IOL (mA)
0
200
180
160
140
120
100
80
60
40
20
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
IF=5mA
VCC=3V
Ta=25˚C
RL=15kΩ
220
0
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0123456789
10
Supply voltage VCC (V)
ICCL
ICCH
ICCL:IF=5mA
ICCH:IF=0
Ta=25˚C
RL=15kΩ
2.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn