Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A91LCJ00F Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. GP1A91LCJ00F
Description  Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A91LCJ00F Datasheet(HTML) 3 Page - Sharp Electrionic Components

  GP1A91LCJ00F Datasheet HTML 1Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 2Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 3Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A91LCJ00F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Sheet No.: D3-A01601EN
GP1A91LCJ00F
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Input
∗1 Forward current
IF
50
mA
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Supply voltage
VCC
7V
∗1 Out put current
IO
2mA
∗1 Power dissipation
PO
80
mW
Operating temperature
Topr
−25 to +85
˚C
Storage temperature
Tstg
−40 to +100
˚C
∗2 Soldering temperature
Tsol
260
˚C
1 Refer to Fig. 2, 3, 4.
2 For 5s or less
(Ta=25˚C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=5mA
1.15
1.25
V
Reverse current
IR
VR=3V
−−
10
μA
Output
Operating supply voltage
VCC
1.4
7V
Low level output voltage
VOL
VCC=3V, IOL=1mA, IF=5mA
0.1
0.4
V
High level output voltage
VOH
VCC=3V, IF=0
2.9
−−
V
Low level supply current
ICCL
VCC=3V, IF=5mA
0.7
1.2
mA
High level supply current
ICCH
VCC=3V, IF=0
0.3
0.5
mA
Transfer
charac-
teristics
∗3 "High→Low" threshold input current
IFHL
VCC=3V
1.2
3.5
mA
∗4 Hysteresis
IFLH/IFHL
VCC=3V
0.55
0.8
0.95
"Low→High" Propagation delay time
tPLH
VCE=3V, IF=5mA, RL=2.4kΩ
10
30
μs
"High→Low" Propagation delay time
tPHL
315
Rise time
tr
0.6
3
Fall time
tf
0.2
1
In order to measure the characteristics above except response time, connect a resistance RL=15kΩ between VCC and VO.
3 IFHL represents forward current when output goes from "High" to "Low".
4 IFLH represents forward current when output goes from "Low" to "High".
1mm or more
Soldering area


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn