Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A52HRJ00F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GP1A52HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1A52HRJ00F Datasheet(HTML) 5 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Sheet No.: D3-A03701EN
GP1A52HRJ00F
Fig.4 Forward Current vs. Forward Voltage
Fig.5 Relative Threshold Input Current vs.
Supply Voltage
Fig.2 Output Power Dissipation vs.
Ambient Temperature
Fig.3 Low Level Output Current vs.
Ambient Temperature
Fig.1 Forward Current vs.
Ambient Temperature
Fig.6 Relative Threshold Input Current vs.
Ambient Temperature
0
150
300
100
50
200
250
−25
0
75
25
50
85
100
Ambient temperature Ta (C)
0
255075 85
100
−20
60
50
40
30
20
10
0
Ambient temperature Ta (˚C)
Foward voltage VF (V)
100
10
1
3.5
3
2.5
2
1.5
1
0.5
0
25˚C
0˚C
−25˚C
50˚C
Ta=75˚C
Supply voltage VCC (V)
Ta=25˚C
IFLH=1
at VCC=5V
0.5
1.1
1
0.9
0.8
0.7
0.6
0
5
10
15
20
25
IFHL
IFLH
0.4
−25
100
75
50
25
0
1.6
1.8
1.4
1.2
1
0.8
0.6
Ambient temperature Ta (˚C)
VCC=5V
IFLH=1
at Ta=25˚C
IFHL
IFLH
Ambient temperature Ta (˚C)
−25
0
25
50
75 85
100
0
10
20
30
40
50
60


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn