Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A52HRJ00F Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. GP1A52HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A52HRJ00F Datasheet(HTML) 4 Page - Sharp Electrionic Components

  GP1A52HRJ00F Datasheet HTML 1Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 2Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 3Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 4Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 5Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 6Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 7Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 8Page - Sharp Electrionic Components GP1A52HRJ00F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Sheet No.: D3-A03701EN
GP1A52HRJ00F
(Ta=25˚C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=5mA
1.1
1.4
V
Reverse current
IR
VR=3V
−−
10
μA
Output
Operating supply voltage
VCC
4.5
17
V
Low level output voltage
VOL
VCC=5V, IOL=16mA, IF=0
0.15
0.4
V
High level output voltage
VOH
VCC=5V, IF=5mA
4.9
−−
V
Low level supply current
ICCL
VCC=5V, IF=0
1.7
3.8
mA
High level supply current
ICCH
VCC=5V, IF=5mA
0.7
2.2
mA
Transfer
charac-
teristics
∗4 "Low→High" threshold input current
IFLH
VCC=5V
15
mA
∗5 Hysteresis
IFHL/IFLH
VCC=5V
0.55
0.75
0.95
6
"Low→High" Propagation delay time
tPLH
VCC=5V, IF=5mA, RL=280Ω
39
μs
"High→Low" Propagation delay time
tPHL
515
Rise time
tr
0.1
0.5
Fall time
tf
0.05
0.5
4 IFLH represents forward current when output goes from "Low" to "High".
5 IFHL represents forward current when output goes from "High" to "Low".
6 Test circuit for response time is shown in Fig.12.
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Input
∗1 Forward current
IF
50
mA
∗1, 2Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Supply voltage
VCC
−0.5 to +17
V
Output current
IO
50
mA
Power dissipation
PO
250
mW
Operating temperature
Topr
−25 to +85
˚C
Storage temperature
Tstg
−40 to +100
˚C
∗3Soldering temperature
Tsol
260
˚C
1 The derating factors of absolute maximum ratings due to ambient temperature are shown in Fig. 1, 2, 3
2 Pulse width ≤ 100μs, Duty ratio=0.01
3 For 5s or less


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn