Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A52HRJ00F Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. GP1A52HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

GP1A52HRJ00F Datasheet(HTML) 2 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Sheet No.: D3-A03701EN
GP1A52HRJ00F
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 0.7g
1
2
2
1
3
5
4
4
5
3
Voltage regulator
Amp
Anode
Cathode
VCC
VO
GND
(15kΩ)
Top view
• Unspecified tolerance shall be as
follows ;
Dimensions(d)
Tolerance
d≤6
±0.1
6<d≤18
±0.2
• ( ) : Reference dimensions
5−0.4
+0.3
−0.1
3+
0.2
−0.1
12.2±
0.3
(1.5)
(9.2)
2
3
1
5
4
B
A
Aʼ Bʼ
Sharp mark “S”
(1.27)
(1.27)
4−0.45
+0.3
−0.1
Date
code
B-Bʼ
section
0.5
A-Aʼ
section
0.5
Top view
Model
code
E
Model No.
C1
Dip soldering material : Sn−3Ag−0.5Cu


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn