Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMD40-900L Datasheet(PDF) 1 Page - Tyco Electronics

Part No. EMD40-900L
Description  E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EMD40-900L Datasheet(HTML) 1 Page - Tyco Electronics

  EMD40-900L_1 Datasheet HTML 1Page - Tyco Electronics EMD40-900L_1 Datasheet HTML 2Page - Tyco Electronics EMD40-900L_1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E-Series HMIC Double Balanced Surface Mount Mixer
700 – 1400 MHz
EMD40-900L
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
Features
• LO Power +3 dBm to +7 dBm
• Up to +1 dBm RF
• IC Process
• Low Profile
• Surface Mount
• Tape and reel packaging available
Description
M/A-COM’s EMD40-900L is a passive double bal-
anced mixer in a low cost, surface mount SOIC-8
package. Fabricated using a mature silicon process
(HMIC), it is ideally suited for high volume cellular
and wireless applications. Typical applications in-
clude frequency up/down conversion, modulation
and demodulation in GSM, AMPS, DAMPS and JDC
frequencies. Parts are packaged in tape & reel.
Ordering Information
Part Number
Package
EMD40-900LTR
Tape and Reel (2000 piece Reel)
SOIC — 8 Package
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1, LO = +7 dBm
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency
700 - 1400
MHz
Conversion Loss
700 - 800
800 - 1000
1000 - 1250
1250 - 1400
dB
dB
dB
dB
9.5
8.0
10.5
12.0
Isolation
LO to RF
700 - 1000
1000 - 1400
dB
dB
26.0
24.0
34.2
30.3
Isolation
LO to IF
700 - 1000
1000 - 1400
dB
dB
24.0
21.0
28.5
26.5
VSWR
LO
700 - 1000
1000 - 1400
dB
dB
1.90
2.82
2.30
5.00
VSWR
RF
700 - 1000
1000 - 1400
dB
dB
1.43
3.35
2.60
4.40
VSWR
IF
DC - 400
dB
1.20
1.80
Input IP3
700 - 1000
1000 - 1400
dBm
dBm
9.0
10.5
13.0
15.2
Input 1 dB Compression
DC - 500
dBm
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn