Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELCM-25MH Datasheet(PDF) 3 Page - Tyco Electronics

Part # ELCM-25MH
Description  E-Series Surface Mount Mixer 5-2500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ELCM-25MH Datasheet(HTML) 3 Page - Tyco Electronics

  ELCM-25MH Datasheet HTML 1Page - Tyco Electronics ELCM-25MH Datasheet HTML 2Page - Tyco Electronics ELCM-25MH Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E-Series Surface Mount Mixer
5 – 2500 MHz
ELCM-25MH
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
3
Typical Performance Curves
LO VSWR
LO - IF Isolation
RF VSWR
IF VSWR
IP3
-45
-36
-27
-18
-9
0
Freq (MHz)
0
1
2
2
3
4
Freq (MHz)
0
1
2
3
4
5
Freq (MHz)
0.0
0.5
1.0
1.5
2.0
2.5
Freq (MHz)
0
6
12
18
24
30
Freq (MHz)


Similar Part No. - ELCM-25MH

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ELCM-25MH MA-COM-ELCM-25MH Datasheet
166Kb / 3P
   E-Series Surface Mount Mixer 5 - 2500 MHz
More results

Similar Description - ELCM-25MH

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-007238-CM25MH MA-COM-MAMX-007238-CM25MH Datasheet
75Kb / 3P
   E-Series Surface Mount Mixer 5-2500 MHz
logo
Tyco Electronics
MAMX-007238-CM25MH MACOM-MAMX-007238-CM25MH Datasheet
48Kb / 2P
   E-Series Surface Mount Mixer 5 - 2500 MHz
logo
M/A-COM Technology Solu...
ELCM-25MH MA-COM-ELCM-25MH Datasheet
166Kb / 3P
   E-Series Surface Mount Mixer 5 - 2500 MHz
MAMXES0117 MA-COM-MAMXES0117 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
ESMD-C50M MACOM-ESMD-C50M Datasheet
168Kb / 4P
   E-Series Surface Mount Mixer 80 . 2500 MHz
ESMD-C50M MACOM-ESMD-C50M_1 Datasheet
161Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
MAMXES0117 MACOM-MAMXES0117 Datasheet
162Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
M/A-COM Technology Solu...
ESMD-C50L MA-COM-ESMD-C50L Datasheet
190Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
EMRS-25MH MA-COM-EMRS-25MH Datasheet
193Kb / 2P
   E-Series Surface Mount Mixer 3 - 2500 MHz
ESMD-C50H MA-COM-ESMD-C50H Datasheet
181Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com