Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE3076 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE3076
Description  0.560 Inch, Seven Segment, 1 Digit w/Overflow and , Common Anode, RHDP
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE3076 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Operating Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Luminous Intensity, Digit Average
IF = 10mA (Note 3,4)
125
420
μcd
Peak Emission Wavelength
650
nm
Spectral Line Half Width
20
nm
Forward Voltage
Segment
IF = 20mA
2.0
V
Decimal Point
2.0
V
Dynamic Resistance
Segment
Ipk = 100mA
2
Ω
Decimal Point
p
2
Ω
Capacitance
Segment
V = 0
35
80
pF
Decimal Point
35
80
pF
Reverse Current
Segment
V
50V
100
μA
Decimal Point
VR = 5.0V
100
μA
Segment C or D of “+”
100
μA
Note 3. The digit average Luminous Intensity is obtained by summing the Luminous Intensity of each
segment and dividing by the total number of segments. Intensity will not vary mopre than
±33% between all segments within a digit.
Note 4. The decimal point is designed to have the same surface brightness as the segments, there-
fore, the Luminous Intensity of the decimal point is .3 times the Luminous Intensity of the seg-
ments, since the area of the decimal point is .3 times the area of the average points.
Pin Connection Diagram
1
2
3
4
Cathode C (1)
Cathode D (1)
Cathode B (1)
Cathode D.P. (1)
5
Cathode E (2)
6
Cathode D (2)
7
Cathode G (2)
8
Cathode C (2)
18
17
16
15
N.C.
N.C.
N.C.
Cathode A (1)
14 Common Anode (1)
13 Common Anode (2)
12 Cathode F (2)
11 Cathode A (2)
9
Cathode D.P. (2)
10 Cathode B (2)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn