Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH-138PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # CH-138PIN
Description  11dB Bi-Directional Couplers, 10 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CH-138PIN Datasheet(HTML) 1 Page - Tyco Electronics

  CH-138PIN Datasheet HTML 1Page - Tyco Electronics CH-138PIN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11 dB, Bi-Directional Coupler,
10 - 500 MHz
CH-138
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
Constant Coupling - Within ± 0.5 dB Max
MIL-STD-202 Screening Available
Description
Bi-Directional couplers offer the ability to couple the
power in two directions while maintaining directivity.
TO-8-2
Pin Configuration
Electrical Specifications
1: T
A = -55°C to +85°C
Pin No.
Function
Pin No.
Function
1
GND
7
GND
2
B
8
A
3
GND
9
GND
4
GND
10
GND
5
C
11
D
6
GND
12
GND
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Coupling
Input to Output
dB
9.8
10.8
11.8
Coupling Flatness
dB
± 0.5
VSWR
All Ports
10 - 500 MHz
25 - 200 MHz
Ratio
Ratio
1.8:1
1.5:1
Directivity
Both Directions
dB
17
Main Line Loss
2
dB
1.6
Input Power
Watt
1.0
1. All specifications apply with 50 ohm source and load impedance.
2. Includes theoretical power split.
This product contains elements protected by United States Patent umber 3,426,298.


Similar Part No. - CH-138PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH-138PIN MACOM-CH-138PIN Datasheet
128Kb / 2P
   11 dB Bi-directional Coupler 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-138PIN MA-COM-CH-138PIN Datasheet
61Kb / 2P
   11 dB, Bi-Directional Coupler, 10 - 500 MHz
More results

Similar Description - CH-138PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CH-134 MA-COM-CH-134 Datasheet
59Kb / 3P
   Bi-Directional Couplers, 10 - 500 MHz
logo
Tyco Electronics
CH-134 MACOM-CH-134_1 Datasheet
217Kb / 3P
   Bi-Directional Couplers, 10 - 500 MHz
CHS-134 MACOM-CHS-134 Datasheet
140Kb / 2P
   Bi-Directional Couplers 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-CHS-134 MA-COM-CH-CHS-134_15 Datasheet
59Kb / 3P
   Bi-Directional Couplers
logo
Merrimac Industries, In...
CRP-10N-250 MERRIMAC-CRP-10N-250 Datasheet
59Kb / 1P
   BI-DIRECTIONAL COUPLERS
CRG-10B-255 MERRIMAC-CRG-10B-255 Datasheet
66Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
   BI-DIRECTIONAL COUPLERS
logo
M/A-COM Technology Solu...
CH-CHS-134 MA-COM-CH-CHS-134 Datasheet
59Kb / 3P
   Bi-Directional Couplers
logo
Merrimac Industries, In...
C-114 MERRIMAC-C-114 Datasheet
99Kb / 1P
   BI-DIRECTIONAL COUPLERS
CRF-10A-250 MERRIMAC-CRF-10A-250 Datasheet
32Kb / 1P
   BI-DIRECTIONAL COUPLERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com