Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APK3216RWC-A-F01 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APK3216RWC-A-F01
Description  3.2x1.6 mm SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APK3216RWC-A-F01 Datasheet(HTML) 3 Page - Kingbright Corporation

  APK3216RWC-A-F01 Datasheet HTML 1Page - Kingbright Corporation APK3216RWC-A-F01 Datasheet HTML 2Page - Kingbright Corporation APK3216RWC-A-F01 Datasheet HTML 3Page - Kingbright Corporation APK3216RWC-A-F01 Datasheet HTML 4Page - Kingbright Corporation APK3216RWC-A-F01 Datasheet HTML 5Page - Kingbright Corporation APK3216RWC-A-F01 Datasheet HTML 6Page - Kingbright Corporation APK3216RWC-A-F01 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAH3761
REV NO: V.1
DATE: APR/26/2007
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1204000604
White
APK3216RWC/A-F01
Brightness codes
v(mlm)
Note2
@ 20 mA
Code.
Min.
Max.
Typ.
M
70
130
300
N
110
220
480
P
180
320
710
Q
280
420
960
luminous Intensity
Note1
Iv(mcd) @ 20 mA
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the
typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice.


Similar Part No. - APK3216RWC-A-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APK3216CGCK-F01 KINGBRIGHT-APK3216CGCK-F01 Datasheet
273Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216MBC KINGBRIGHT-APK3216MBC Datasheet
103Kb / 4P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216MGC KINGBRIGHT-APK3216MGC Datasheet
103Kb / 4P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216MGCK KINGBRIGHT-APK3216MGCK Datasheet
102Kb / 4P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216PBC-A-F01 KINGBRIGHT-APK3216PBC-A-F01 Datasheet
278Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
More results

Similar Description - APK3216RWC-A-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APK3216SURCK-F01 KINGBRIGHT-APK3216SURCK-F01 Datasheet
269Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216SYC KINGBRIGHT-APK3216SYC_08 Datasheet
191Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216VGC-A-F01 KINGBRIGHT-APK3216VGC-A-F01 Datasheet
276Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216PBC-A-F01 KINGBRIGHT-APK3216PBC-A-F01 Datasheet
278Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216SYCK-F01 KINGBRIGHT-APK3216SYCK-F01 Datasheet
273Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216MGC KINGBRIGHT-APK3216MGC Datasheet
103Kb / 4P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216SURCK KINGBRIGHT-APK3216SURCK Datasheet
273Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216VGC KINGBRIGHT-APK3216VGC_1 Datasheet
280Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216CGCK-F01 KINGBRIGHT-APK3216CGCK-F01 Datasheet
273Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216MGCK KINGBRIGHT-APK3216MGCK Datasheet
102Kb / 4P
   3.2x1.6 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com