Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-113 Datasheet(PDF) 4 Page - Tyco Electronics

Part # AT-113
Description  Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-113 Datasheet(HTML) 4 Page - Tyco Electronics

  AT-113_1 Datasheet HTML 1Page - Tyco Electronics AT-113_1 Datasheet HTML 2Page - Tyco Electronics AT-113_1 Datasheet HTML 3Page - Tyco Electronics AT-113_1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3 Volt Voltage Variable Absorptive Attenuator
40 dB, 0.5-2.0 GHz
AT-113
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
4
Typical Performance Curves
Attenuation vs. Temperature
Normalized @ 25°C, F = 900 MHz
-3
-2
-1
0
1
2
3
0.0
0.50
1.0
1.5
2.0
2.5
3.0
+85°C
-40°C
Control Voltage (V)


Similar Part No. - AT-113_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-113SMB MA-COM-AT-113SMB Datasheet
80Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-113TR MACOM-AT-113TR Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-113TR MA-COM-AT-113TR Datasheet
80Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
More results

Similar Description - AT-113_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-108 MACOM-AT-108_1 Datasheet
203Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz
AT-110 MACOM-AT-110_1 Datasheet
173Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-109 MACOM-AT-109_1 Datasheet
186Kb / 3P
   Voltage Variable Absorptive Attenuator, 35dB 0.5 - 2.0 GHz
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAVSS0005 MACOM-MAAVSS0005 Datasheet
180Kb / 3P
   Voltage Variable Absorptive Attenuator DC - 2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com