Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1096 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1096
Description  Integrated Circuit TV AFT, High Frequency Wide-Band Amplifier/Phase Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1096 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1096 Datasheet HTML 1Page - NTE Electronics NTE1096 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1096
Integrated Circuit
TV AFT, High Frequency
Wide−Band Amplifier/Phase Detector
Description:
The NTE1096 is an IC for use in TV circuits, especially for Automatic Frequency Tuning. It contains
a wide−band amplifier and phase detector.
Features:
D VCC of 100V ±10% due to Dual Zener Regulation
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Current Supply, I14
60mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
700mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Dissipation, KΘ
7mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Power Dissipation
Pd
VCC = 100V, RS = 5.1kΩ, Note 1 150
200
250
mW
Loud Current
ICC
V14 = 9V, VCC = 9V
4.3
6.3
9.5
mA
Voltage or Current
V14
VCC = 100V, RS = 5.1kΩ, Note 1 11.1 11.8 12.5
V
at Specified Pin
I4
1.0
2.1
4.3
mA
V7
5.0
6.5
8.0
V
V7−8
−1.5
0
1.5
V
Signal In to Limiter
Vi(lim)
f = 58.75MHz
100
mV
Note 1. RS is a 5.1kΩ ± 5%, 2W resistor in series with Pin14 and VCC


Similar Part No. - NTE1096

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE109 NTE-NTE109 Datasheet
18Kb / 1P
   Germanium Diode Fast Switching General Purpose
NTE1098 NTE-NTE1098 Datasheet
80Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1099 NTE-NTE1099 Datasheet
82Kb / 2P
   Integrated Circuit Chroma Demodulator
More results

Similar Description - NTE1096

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7057 NTE-NTE7057 Datasheet
76Kb / 3P
   Integrated Circuit TV SIF/AFT/RF AGC
NTE1174 NTE-NTE1174 Datasheet
75Kb / 3P
   Integrated Circuit TV Automatic Fine Tuning (AFT) Circuit
NTE974 NTE-NTE974 Datasheet
28Kb / 4P
   Integrated Circuit Phase-Frequency Detector
NTE1172 NTE-NTE1172 Datasheet
29Kb / 3P
   Integrated Circuit Phase-Frequency Detector
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
   Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
   Integrated Circuit Wide-Band Power Amplifier
NTE1668 NTE-NTE1668 Datasheet
79Kb / 4P
   Integrated Circuit TV SoundIF/Detector
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com