Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AT-107-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part No. AT-107-PIN
Description  Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

AT-107-PIN Datasheet(HTML) 2 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Digital Attenuator
31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
2
RoHS
Compliant
Electrical Specifications: TA = -55°C to +85°C
1
Parameter
Frequency
Units
Min
Typ
Max
Reference Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
3.2
3.6
4.0
Attenuation Accuracy
2
DC - 1.0 GHz
DC - 2.0 GHz
DC - 1.0 GHz
DC - 2.0 GHz
VSWR
DC - 2.0 GHz
Ratio
1.8:1
Trise, Tfall
ns
9
Ton, Toff
ns
45
Transients
mV
40
1 dB Compression
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+21
+29
Input IP3
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+35
+48
Input IP2
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
+75
+79
± (0.15 +3% of atten. setting in dB) dB
± (0.2 +3% of atten. setting in dB) dB
± (0.2 +3% of atten. setting in dB) dB
or ± 0.4 dB, whichever is greater
± (0.2 +3% of atten. setting in dB) dB
or ± 0.4 dB, whichever is greater
Test Conditions
Any Single Bit
Any Combination of Bits
10% to 90%
50% Control to 90/10% RF
In-Band (peak-peak)
Input Power
Input Power
For two-tone Input Power
Up to +5 dBm
For two-tone Input Power
Up to +5 dBm
Vcc
V
4.5
5.0
5.5
Vee
V
-8.0
-5.0
Icc
Vcc = 4.5 to 5.5V
Vctl = 0 to 0.8V, or Vcc –
2.1V to Vcc
mA
6.0
Iee
Vee = -5.0 to -8.0V
mA
1.0
Vctl
Vctl
Logic 0 (TTL)
Logic 1 (TTL)
V
V
0.0
2.0
0.8
5.0
Input Leakage Current (Low)
0 to 0.8V
A
1.0
Input Leakage Current (High)
2.0 to 5.0V
A
1.0
1. All specifications apply when operated with bias voltages of +5V for Vcc and –5.0V for Vee.
2. This attenuator is guaranteed monotonic.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn