Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1606 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1606
Description  Power Factor Controllers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1606 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1606 Datasheet HTML 1Page - ON Semiconductor NCP1606 Datasheet HTML 2Page - ON Semiconductor NCP1606 Datasheet HTML 3Page - ON Semiconductor NCP1606 Datasheet HTML 4Page - ON Semiconductor NCP1606 Datasheet HTML 5Page - ON Semiconductor NCP1606 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No
Yes
Variable
toff
Resonant
Quasi-
Resonant
EMI
Troubling?
Need higher
efficiency?
Operating
Mode
No
Yes
Do you
need low
Standby
power?
Low End
High End
Please visit our website at www.onsemi.com for additional options.
What
features
do you
need?
No
Yes
Is Your Input
Power Above
25 W?
Page 4
Variable Frequency Controllers
Minimum EMI, Maximum Efficiency. . .
ON Semiconductor’s variable frequency controllers include quasi-resonant and resonant controllers.
These controllers are used respectively in critical conduction mode quasi-resonant flyback converters
and half bridge resonant LLC converters. These topologies minimize EMI radiation, provide better
magnetic utilization and offer excellent power conversion efficiency - up to 90%. Our variable
frequency controllers combine the advantages of working directly off-line (with our proprietary
VHVIC technology) with the ability to drive an external high-voltage MOSFET of your choice, and
offer you more design flexibility than our competitors.
Key Features & Benefits
EMI
Filter
AC
OPTO-1
OPTO-1
Voltage Feedback
Over Voltage
Protection
OPTO-2
12 V
SMPS
MOSFET
NCP1337
SMPS
Controller
NTP75N06
Synchronous
Rectification
Circuitry
Flyback Quasi-Resonant
Controller Technology
for Increased Efficiency
and Lower EMI
12V
12V
TL431
OPTO-2
12V
VARIABLE
FREQUENCY
CONTROLLERS
Device
Max
Output
Power1
(W)
Mode
Standby
Power
Method
Output
Gate
Drive
(mA) @
VCC = 11V
Max
Switching
Frequency
(kHz)
Package(s)
NCP1215A
10
Current, Var toff
Freq Foldback
30
Adjustable
4
4
SO-8, TSOP-6
NCP1351
50
Current, Var toff
Freq Foldback
150
65
4
4
4
4
SO-8
NCP1205
150
Current
Freq Foldback
300
Adj., Default 125
4
4
4
SO-16, PDIP-8, PDIP-14
NCP1207A
150/1001
Current
Adj Skip Cycle
500
Set by Min, Toff = 8µs
4
4
4
4
4
4
SO-8, PDIP-8
NCP1308
150
Current
Adj Skip Cycle
500
Set by Min, Toff = 10µs
4
4
4
4
4
4
SO-8
NCP1337
200
Current
Adj Skip Cycle
500
130
4
4
4
4
4
4
4
4
SO-7, PDIP-7
NCP1377/B
150
Current
Adj Skip Cycle
500
Set by Min, Toff = 3 or 8µs
4
4
4
4
4
SO-7, PDIP-7
NCP1378
150
Current
Adj Skip Cycle
500
Set by Min, Toff = 8µs
4
4
4
4
4
SO-7, PDIP-7
NCP1381
200
Current
Adj Skip Cycle
500
125
4
4
4
4
4
4
SO-14
NCP1395
500
Voltage
Adj Skip Cycle
180
1000
4
4
4
4
4
4
SOIC-16, PDIP-16
1. Maximum Power Output with DSS 2. Overvoltage Protection 3. Over Power Compensation
A 60 W Power Adapter
Using NCP1337
~
Quasi-resonant mode valley switching
i
Minimizes EMI
i
Reduces switching losses
~
High-voltage start-up-current source
i
Offers clean loss-less start-up sequence
~
Dynamic Self Supply (DSS) capability
i
Simplifies transformer design
~
Adjustable skip-mode and Soft-Skip™ capability
i
No acoustic noise generation
~
Gate drive capability up to 500 mA
i
Gives flexibility in choosing external MOSFET
~
Over-current and over-voltage protection
i
Protects circuitry
~
Over-power compensation


Similar Part No. - NCP1606

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1606 ONSEMI-NCP1606 Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
NCP1606ADR2G ONSEMI-NCP1606ADR2G Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
NCP1606APG ONSEMI-NCP1606APG Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
NCP1606BDR2G ONSEMI-NCP1606BDR2G Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
NCP1606BPG ONSEMI-NCP1606BPG Datasheet
242Kb / 22P
   Cost Effective Power Factor Controller
March, 2007 ??Rev. 3
More results

Similar Description - NCP1606

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com